Electronic Components Datasheet Search
  English  ▼

X  

LDO03C Datasheet(PDF) 7 Page - Artesyn Technologies

Part # LDO03C
Description  Single Output C Class Non-Isolated DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO03C Datasheet(HTML) 7 Page - Artesyn Technologies

Back Button LDO03C Datasheet HTML 3Page - Artesyn Technologies LDO03C Datasheet HTML 4Page - Artesyn Technologies LDO03C Datasheet HTML 5Page - Artesyn Technologies LDO03C Datasheet HTML 6Page - Artesyn Technologies LDO03C Datasheet HTML 7Page - Artesyn Technologies LDO03C Datasheet HTML 8Page - Artesyn Technologies LDO03C Datasheet HTML 9Page - Artesyn Technologies LDO03C Datasheet HTML 10Page - Artesyn Technologies LDO03C Datasheet HTML 11Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.artesyn.com
LDO03C Series | 3 A DC-DC
C Class Non-Isolated DC/DC Converter
File Name: lf_Ldo03c.pdf Rev: (01) 12 Apr 2006
7
3.3 V, 5 V, 12 V Model
0.9 V Setpoint
Protection and Control
Features
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Overcurrent limit inception
Ioc
6.0
Adc
Vo = 90% of Vo (nom)
3.3 V, 5 V, 12 V Model
0.9 V Setpoint
Efficiency
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Efficiency
3.3 V (source mode)
3.3 V (sink mode)
η
74.8
76.3
69.9
%
Iout = 100% (max)
Vin - Vin (nom)
Efficiency
5.0 V (source mode)
5.0 V (sink mode)
η
74.9
76.4
70.6
%
Efficiency
12 V (source mode)
12 V (sink mode)
η
67.6
69.0
58.3
%
Efficiency
3.3 V (source mode)
3.3 V (sink mode)
η
80.75
82.4
79.4
%
Iout = 50% (max)
Vin - Vin (nom)
Efficiency
5.0 V (source mode)
5.0 V (sink mode)
η
78.6
80.2
76.6
%
Efficiency
12 V (source mode)
12 V (sink mode)
η
64.9
66.2
49.4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com