Electronic Components Datasheet Search
  English  ▼

X  

LDO03C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LDO03C
Description  Single Output C Class Non-Isolated DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO03C Datasheet(HTML) 2 Page - Artesyn Technologies

  LDO03C Datasheet HTML 1Page - Artesyn Technologies LDO03C Datasheet HTML 2Page - Artesyn Technologies LDO03C Datasheet HTML 3Page - Artesyn Technologies LDO03C Datasheet HTML 4Page - Artesyn Technologies LDO03C Datasheet HTML 5Page - Artesyn Technologies LDO03C Datasheet HTML 6Page - Artesyn Technologies LDO03C Datasheet HTML 7Page - Artesyn Technologies LDO03C Datasheet HTML 8Page - Artesyn Technologies LDO03C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LDO03C Series | 3 A DC-DC
C Class Non-Isolated DC/DC Converter
File Name: lf_Ldo03c.pdf Rev: (01) 12 Apr 2006
Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any
other conditions in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.
Absolute Maximum Ratings
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - continuous
Vin (cont)
3.0
13.8
Vdc
Vin(+) - Vin(-)
Enable Voltage
VEn (max)
3.3
5.0
V
V
When Vin < 5 V
When Vin > 5 V
Pgood Voltage
VPgood (max)
3.3
5.0
V
V
When Vin < 5 V
When Vin > 5 V
Operating temperature
Top
0
70
˚C
Measured at thermal reference
points, See Note 1. See
Derating curves
Storage temperature
Tstorage
-40
125
˚C
Output current
Iout (max)
3
A
All specifications are typical at nominal input Vin = 5 V and 12 V, full load under any resistive load combination at 25 ˚C, unless otherwise stated.
Input Characteristics
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - operating
Vin
3.0
13.8
Vdc
Input current - no load
Iin
50
mA
Vin (min) - Vin (max), enabled
Input current - quiescent
Iin(off)
15
mA
Converter disabled
Input voltage variation
dv/dt
1.0
V/ms
Product was tested at 1.2
V/ms. Much higher dv/dt is
possible (>10 V/ms)
Turn On/Off
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - turn on
Vin (on)
3.0
Vdc
See App Note 186 to adjust
this point
Input voltage - turn off
Vin (off)
2.7
Vdc
Turn on delay - enabled,
then power applied
Tdelay
(power)
2
3
ms
With the Remote ON/OFF
signal asserted, this is the time
from when the input voltage
reaches the minimum speci-
fied operating voltage until
Vout is in regulation
Turn on delay - power
applied, then Remote ON/OFF
asserted
Tdelay
(Remote
ON/OFF)
2
3
ms
Vin = Vin(on), then Remote
ON/OFF asserted. This is
the time taken until Vout is in
regulation
Rise time
Trise
1.5
2
ms
From 10% to 90%; full resis-
tive load, 0 µF capacitance
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com