Electronic Components Datasheet Search
  English  ▼

X  

LT8645SEVPBF Datasheet(PDF) 30 Page - Analog Devices

Part # LT8645SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8645SEVPBF Datasheet(HTML) 30 Page - Analog Devices

Back Button LT8645SEVPBF Datasheet HTML 22Page - Analog Devices LT8645SEVPBF Datasheet HTML 23Page - Analog Devices LT8645SEVPBF Datasheet HTML 24Page - Analog Devices LT8645SEVPBF Datasheet HTML 25Page - Analog Devices LT8645SEVPBF Datasheet HTML 26Page - Analog Devices LT8645SEVPBF Datasheet HTML 27Page - Analog Devices LT8645SEVPBF Datasheet HTML 28Page - Analog Devices LT8645SEVPBF Datasheet HTML 29Page - Analog Devices LT8645SEVPBF Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LT8645S/LT8646S
30
Rev. B
For more information www.analog.com
ANALOG DEVICES, INC. 2017-2020
04/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATIONS
1.8V, 8A Step-Down Converter
PART NUMBER DESCRIPTION
COMMENTS
LT8640S
42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5µA Quiescent
Current
VIN(MIN) = 3.4V, VOUT(MAX) = 42V, VOUT(MIN) = 0.97V,
IQ = 2.5μA, ISD < 1μA, 4mm × 4mm LQFN-24
LT8640/
LT8640-1
42V, 5A, 96% Efficiency, 3MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V,
IQ = 2.5μA, ISD < 1μA, 3mm × 4mm QFN-18
LT8641
65V, 3.5A, 95% Efficiency, 3MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN) = 3V, VIN(MAX) = 65V, VOUT(MIN) = 0.81V,
IQ = 2.5μA, ISD < 1μA, 3mm × 4mm QFN-18
LT8609/
LT8609A
42V, 2A, 94% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN) = 3V, VIN(MAX) = 42V, VOUT(MIN) = 0.8V,
IQ = 2.5μA, ISD < 1μA, MSOP-10E
LT8610A/
LT8610AB
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V,
IQ = 2.5μA, ISD < 1μA, MSOP-16E
LT8610AC
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN) = 3V, VIN(MAX) = 42V, VOUT(MIN) = 0.8V,
IQ = 2.5μA, ISD < 1μA, MSOP-16E
LT8610
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V,
IQ = 2.5μA, ISD < 1μA, MSOP-16E
LT8611
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA and Input/Output Current Limit/Monitor
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V,
IQ = 2.5μA, ISD < 1μA, 3mm × 5mm QFN-24
LT8616
42V, Dual 2.5A + 1.5A, 95% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 5µA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.8V,
IQ = 5μA, ISD < 1μA, TSSOP-28E, 3mm × 6mm QFN-28
LT8620
65V, 2.5A, 94% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN) = 3.4V, VIN(MAX) = 65V, VOUT(MIN) = 0.97V,
IQ = 2.5μA, ISD < 1μA, MSOP-16E, 3mm × 5mm QFN-24
LT8614
42V, 4A, 96% Efficiency, 2.2MHz Synchronous Silent Switcher Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V,
IQ = 2.5μA, ISD < 1μA, 3mm × 4mm QFN18
LT8612
42V, 6A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V,
IQ = 3.0μA, ISD < 1μA, 3mm × 6mm QFN-28
LT8613
42V, 6A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with Current Limiting
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.97V,
IQ = 3.0μA, ISD < 1μA, 3mm × 6mm QFN-28
LT8602
42V, Quad Output (2.5A + 1.5A + 1.5A + 1.5A) 95% Efficiency, 2.2MHz
Synchronous MicroPower Step-Down DC/DC Converter with IQ = 25µA
VIN(MIN) = 3V, VIN(MAX) = 42V, VOUT(MIN) = 0.8V,
IQ = 2.5μA, ISD < 1μA, 6mm × 6mm QFN-40
LT8645S
SW
BIAS
FB
VIN
3.4V TO 30V
(65V TRANSIENT)
GND
RT
VIN
EN/UV
VOUT
1.8V
8A
4.7pF
4.7µF
41.2k
866k
1M
0.82µH
fSW = 1MHz
L: XEL6030
1µF
EXTERNAL
SOURCE >3.1V
OR GND
8645S TA02
47µF
×2
1210
X5R/X7R
PINS NOT USED
IN THIS CIRCUIT:
BST, CLKOUT,
INTVCC, PG,
SYNC/MODE, TR/SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com