Electronic Components Datasheet Search
  English  ▼

X  

LT8645SEVPBF Datasheet(PDF) 22 Page - Analog Devices

Part # LT8645SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8645SEVPBF Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8645SEVPBF Datasheet HTML 18Page - Analog Devices LT8645SEVPBF Datasheet HTML 19Page - Analog Devices LT8645SEVPBF Datasheet HTML 20Page - Analog Devices LT8645SEVPBF Datasheet HTML 21Page - Analog Devices LT8645SEVPBF Datasheet HTML 22Page - Analog Devices LT8645SEVPBF Datasheet HTML 23Page - Analog Devices LT8645SEVPBF Datasheet HTML 24Page - Analog Devices LT8645SEVPBF Datasheet HTML 25Page - Analog Devices LT8645SEVPBF Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LT8645S/LT8646S
22
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
(COPT1, COPT2). These capacitors should be 0603 or 0805
in size. For automotive applications requiring 2 series
input capacitors, two small 0603 or 0805 may be placed
at each side of the LT8645S/LT8646S.
A third, larger ceramic capacitor of 4.7µF or larger should
be placed close to COPT1 or COPT2. See layout section for
more detail. X7R or X5R capacitors are recommended for
best performance across temperature and input voltage
variations.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (under damped) tank
circuit. If the LT8645S/LT8646S circuit is plugged into a
live supply, the input voltage can ring to twice its nominal
value,possiblyexceedingtheLT8645S/LT8646S’svoltage
rating. This situation is easily avoided (see Analog Devices
Application Note 88).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LT8645S/LT8646S to produce the DC output. In this
role it determines the output ripple, thus low impedance at
the switching frequency is important. The second function
is to store energy in order to satisfy transient loads and
stabilize the LT8645S/LT8646S’s control loop. Ceramic
capacitorshaveverylowequivalentseriesresistance(ESR)
and provide the best ripple performance. For good starting
values, see the Typical Applications section.
Use X5R or X7R types. This choice will provide low output
rippleandgoodtransientresponse.Transientperformance
can be improved with a higher value output capacitor and
the addition of a feedforward capacitor placed between
VOUT and FB. Increasing the output capacitance will also
decrease the output voltage ripple. A lower value of output
capacitor can be used to save space and cost but transient
performancewillsufferandmaycauseloopinstability.See
the Typical Applications in this data sheet for suggested
capacitor values.
When choosing a capacitor, special attention should be
giventothedatasheettocalculatetheeffectivecapacitance
undertherelevantoperatingconditionsofvoltagebiasand
temperature. A physically larger capacitor or one with a
higher voltage rating may be required.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT8645S/LT8646S due to their
piezoelectric nature. When in Burst Mode operation, the
LT8645S/LT8646S’s switching frequency depends on the
load current, and at very light loads the LT8645S/LT8646S
can excite the ceramic capacitor at audio frequencies,
generating audible noise. Since the LT8645S/LT8646S
operates at a lower current limit during Burst Mode op-
eration, the noise is typically very quiet to a casual ear. If
this is unacceptable, use a high performance tantalum or
electrolytic capacitor at the output. Low noise ceramic
capacitors are also available.
Afinalprecautionregardingceramiccapacitorsconcernsthe
maximuminputvoltageratingoftheLT8645S/LT8646S.As
previouslymentioned,aceramicinputcapacitorcombined
with trace or cable inductance forms a high quality (un-
derdamped) tank circuit. If the LT8645S/LT8646S circuit
is plugged into a live supply, the input voltage can ring to
twice its nominal value, possibly exceeding the LT8645S/
LT8646S’s rating. This situation is easily avoided (see
Analog Devices Application Note 88).
Enable Pin
The LT8645S/LT8646S is in shutdown when the EN pin is
low and active when the pin is high. The rising threshold
of the EN comparator is 1.01V, with 45mV of hysteresis.
The EN pin can be tied to VIN if the shutdown feature is not
used, or tied to a logic level if shutdown control is required.
Adding a resistor divider from VIN to EN programs the
LT8645S/LT8646S to regulate the output only when VIN is
above a desired voltage (see the Block Diagram). Typically,
thisthreshold,VIN(EN),isusedinsituationswheretheinput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com