Electronic Components Datasheet Search
  English  ▼

X  

LT8645SEVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT8645SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8645SEVPBF Datasheet(HTML) 1 Page - Analog Devices

  LT8645SEVPBF Datasheet HTML 1Page - Analog Devices LT8645SEVPBF Datasheet HTML 2Page - Analog Devices LT8645SEVPBF Datasheet HTML 3Page - Analog Devices LT8645SEVPBF Datasheet HTML 4Page - Analog Devices LT8645SEVPBF Datasheet HTML 5Page - Analog Devices LT8645SEVPBF Datasheet HTML 6Page - Analog Devices LT8645SEVPBF Datasheet HTML 7Page - Analog Devices LT8645SEVPBF Datasheet HTML 8Page - Analog Devices LT8645SEVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LT8645S/LT8646S
1
Rev. B
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
65V, 8A Synchronous
Step-Down Silent Switcher 2
with 2.5µA Quiescent Current
TheLT®8645S/LT8646Ssynchronousstep-downregulator
features second generation Silent Switcher architecture
designed to minimize EMI emissions while delivering high
efficiency at high switching frequencies. This includes the
integration of bypass capacitors to optimize all the fast
currentloopsinsideandmakeiteasytoachieveadvertised
EMI performance by eliminating layout sensitivity.
The fast, clean, low-overshoot switching edges enable
high efficiency operation even at high switching frequen-
cies, leading to a small overall solution size. Peak current
mode control with a 40ns minimum on-time allows high
step-down ratios even at high switching frequencies. The
LT8646S has external compensation to enable current
sharing and fast transient response at high switching
frequencies.
Burst Mode® operation enables ultralow standby current
consumption, pulse-skipping mode allows full switching
frequency at lower output loads, or spread spectrum
operation can further reduce EMI emissions.
INTERNAL CAPS
VC COMP
150°C GRADE
LT8645S
Yes
Internal
No
LT8646S
Yes
External
No
LT8645S-2*
No
Internal
Yes
*See LT8645S-2 Data Sheet
5V 8A Step-Down Converter
APPLICATIONS
n
Silent Switcher®2 Architecture
n
Ultralow EMI Emissions on Any PCB
n
Eliminates PCB Layout Sensitivity
n
Internal Bypass Capacitors Reduce Radiated EMI
n
Optional Spread Spectrum Modulation
n
High Efficiency at High Frequency
n
Up to 95% Efficiency at 1MHz, 12VIN to 5VOUT
n
Up to 94% Efficiency at 2MHz, 12VIN to 5VOUT
n
Wide Input Voltage Range: 3.4V to 65V
n
Ultralow Quiescent Current Burst Mode Operation
n
2.5μA IQ Regulating 12VIN to 3.3VOUT (LT8645S)
n
Output Ripple < 10mVP-P
n
External Compensation: Fast Transient Response
and Current Sharing (LT8646S)
n
Fast Minimum Switch On-Time: 40ns
n
Low Dropout Under All Conditions: 60mV at 1A
n
Adjustable and Synchronizable: 200kHz to 2.2MHz
n
Peak Current Mode Operation
n
Output Soft-Start and Tracking
n
Small 32-Lead 6mm × 4mm LQFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
Automotive and Industrial Supplies
n
General Purpose Step-Down
n
GSM Power Supplies
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 8823345.
12VIN to 5VOUT Efficiency
LT8645S
8645S TA01a
SW
BIAS
FB
VIN
5.5V TO 65V
GND
RT
VIN
EN/UV
VOUT
5V
8A
100µF
2.2pF
4.7µF
41.2k
1M
243k
2.2µH
fSW = 1MHz
EFFICIENCY
POWER LOSS
1MHz, L = 2.2µH
2MHz, L = 1µH
LOAD CURRENT (A)
1
2
3
4
5
6
7
8
60
65
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
8645S TA01b


Similar Part No. - LT8645SEVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8645SEV-2PBF AD-LT8645SEV-2PBF Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8645SEV-2WPBF AD-LT8645SEV-2WPBF Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
More results

Similar Description - LT8645SEVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LT8645S LINER-LT8645S Datasheet
453Kb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
logo
Analog Devices
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LT8640A AD-LT8640A Datasheet
1Mb / 28P
42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8650SP AD-LT8650SP Datasheet
3Mb / 34P
Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com