Electronic Components Datasheet Search
  English  ▼

X  

LT8645SEVPBF Datasheet(PDF) 17 Page - Analog Devices

Part # LT8645SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8645SEVPBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8645SEVPBF Datasheet HTML 13Page - Analog Devices LT8645SEVPBF Datasheet HTML 14Page - Analog Devices LT8645SEVPBF Datasheet HTML 15Page - Analog Devices LT8645SEVPBF Datasheet HTML 16Page - Analog Devices LT8645SEVPBF Datasheet HTML 17Page - Analog Devices LT8645SEVPBF Datasheet HTML 18Page - Analog Devices LT8645SEVPBF Datasheet HTML 19Page - Analog Devices LT8645SEVPBF Datasheet HTML 20Page - Analog Devices LT8645SEVPBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LT8645S/LT8646S
17
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
For more detail and PCB design files refer to the Demo
Board guide for the LT8645S/LT8646S.
Note that large, switched currents flow in the LT8645S/
LT8646S VIN and GND pins and the input capacitors. The
loops formed by the input capacitors should be as small as
possible by placing the capacitors adjacent to the VIN and
GND pins. Capacitors with small case size such as 0603
or 0805 are optimal due to lowest parasitic inductance.
The input capacitors, along with the inductor and output
capacitors, should be placed on the same side of the
circuit board, and their connections should be made on
that layer. Place a local, unbroken ground plane under the
application circuit on the layer closest to the surface layer.
The SW and BOOST nodes should be as small as possible.
Finally, keep the FB and RT nodes small so that the ground
traces will shield them from the SW and BOOST nodes.
The exposed pads on the bottom of the package should
be soldered to the PCB to reduce thermal resistance to
ambient.Tokeepthermalresistancelow,extendtheground
plane from the GND pins as much as possible, and add
thermal vias to additional ground planes within the circuit
board and on the bottom side.
Burst Mode Operation
Toenhanceefficiencyatlightloads,theLT8645S/LT8646S
operates in low ripple Burst Mode operation, which keeps
the output capacitor charged to the desired output voltage
while minimizing the input quiescent current and minimiz-
ing output voltage ripple. In Burst Mode operation the
LT8645S/LT8646S delivers single small pulses of current
to the output capacitor followed by sleep periods where
the output power is supplied by the output capacitor.
While in sleep mode the LT8645S consumes 1.7μA. and
the LT8646S consumes 230μA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 2a) and the percentage
of time the LT8645S/LT8646S is in sleep mode increases,
resulting in much higher light load efficiency than for typi-
cal converters. By maximizing the time between pulses,
the LT8645S’s quiescent current approaches 2.5µA for a
typicalapplicationwhenthereisnooutputload.Therefore,
to optimize the quiescent current performance at light
Figure 2. SW Frequency vs Load Information in Burst Mode Operation (2a) and Pulse-Skipping Mode (2b)
(2a)
(2b)
Burst Frequency
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
LOAD CURRENT (mA)
0
100
200
300
400
500
600
0
200
400
600
800
1000
1200
8645S F02a
Minimum Load to Full Frequency
(Pulse-Skipping Mode)
FRONT PAGE APPLICATION
VOUT = 5V
fSW = 1MHz
VSYNC = Float
INPUT VOLTAGE (V)
5
15
25
35
45
55
65
0
50
100
150
200
250
300
350
400
8645S F02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com