Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8640
Description  65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LT8645S-2
13
Rev. A
For more information www.analog.com
BLOCK DIAGRAM
+
+
–
SLOPE COMP
INTERNAL 0.97V REF
OSCILLATOR
200kHz TO 2.2MHz
BURST
DETECT
3.4V
REG
M1
M2
CBST
COUT
VOUT
8645S-2 BD
SW
L
BST
12-16
21-23
ERROR
AMP
SHDN
±8%
VC
SHDN
THERMAL SHDN
INTVCC UVLO
VIN UVLO
SHDN
THERMAL SHDN
VIN UVLO
EN/UV
1.01V
+
–
25
11
GND
33-38
INTVCC
2
BIAS
1
VIN
13
GND
8-10
17-19, 30
CLKOUT
PG
31
FB
R1
27
C1
R3
OPT
R4
OPT
R2
RT
CSS
OPT
VOUT
32
TR/SS
2µA
60k
INTVCC
29
RT
26
SYNC/MODE
28
VIN
4-6
VIN
CIN1
CIN3
CVCC
CIN2
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
600k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com