Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8640
Description  65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices LT8640 Datasheet HTML 25Page - Analog Devices LT8640 Datasheet HTML 26Page - Analog Devices LT8640 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LT8645S-2
23
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Shorted and Reversed Input Protection
The LT8645S-2 will tolerate a shorted output. Several
features are used for protection during output short-cir-
cuit and brownout conditions. The first is the switching
frequency will be folded back while the output is lower
than the set point to maintain inductor current control.
Second, the bottom switch current is monitored such that
if inductor current is beyond safe levels switching of the
top switch will be delayed until such time as the inductor
current falls to safe levels.
Frequency foldback behavior depends on the state of the
SYNC pin: If the SYNC pin is low the switching frequency
will slow while the output voltage is lower than the pro-
grammed level. If the SYNC pin is connected to a clock
source, floated, or tied high, the LT8645S-2 will stay at the
programmed frequency without foldback and only slow
switching if the inductor current exceeds safe levels.
There is another situation to consider in systems where the
output will be held high when the input to the LT8645S-2
is absent. This may occur in battery charging applications
or in battery-backup systems where a battery or some
other supply is diode ORed with the LT8645S-2’s output.
If the VIN pin is allowed to float and the EN pin is held high
(either by a logic signal or because it is tied to VIN), then the
LT8645S-2’s internal circuitry will pull its quiescent current
through its SW pin. This is acceptable if the system can
tolerate several μA in this state. If the EN pin is grounded
the SW pin current will drop to near 1µA. However, if the
VIN pin is grounded while the output is held high, regard-
less of EN, parasitic body diodes inside the LT8645S-2
can pull current from the output through the SW pin and
the VIN pin. Figure 4 shows a connection of the VIN and
EN/UV pins that will allow the LT8645S-2 to run only
when the input voltage is present and that protects against
a shorted or reversed input.
Figure 4. Reverse VIN Protection
VIN
VIN
D1
LT8645S-2
EN/UV
8645S-2 F06
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com