Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8640
Description  65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LT8645S-2
17
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
In order to achieve higher light load efficiency, more
energy must be delivered to the output during the sin-
gle small pulses in Burst Mode operation such that the
LT8645S-2 can stay in sleep mode longer between each
pulse. This can be achieved by using a larger value induc-
tor (i.e., 4.7µH), and should be considered independent
of switching frequency when choosing an inductor. For
example, while a lower inductor value would typically be
used for a high switching frequency application, if high
light load efficiency is desired, a higher inductor value
should be chosen. See curve in Typical Performance
Characteristics.
While in Burst Mode operation the current limit of the top
switch is approximately 1.25A (as shown in Figure 3),
resulting in low output voltage ripple. Increasing the
output capacitance will decrease output ripple propor-
tionally. As load ramps upward from zero the switch-
ing frequency will increase but only up to the switching
frequency programmed by the resistor at the RT pin as
shown in Figure 2a.
The output load at which the LT8645S-2 reaches the pro-
grammed frequency varies based on input voltage, output
voltage, and inductor choice. To select low ripple Burst
Mode operation, tie the SYNC/MODE pin below 0.4V (this
can be ground or a logic low output).
Pulse-Skipping Mode
For some applications it is desirable for the LT8645S-2 to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. First is the clock stays
awake at all times and all switching cycles are aligned to
the clock. In this mode much of the internal circuitry is
awake at all times, increasing quiescent current to several
hundred µA. Second is that full switching frequency is
reached at lower output load than in Burst Mode operation
(see Figure 2b). To enable pulse-skipping mode, float the
SYNC/MODE pin. Leakage current in this pin should be
<1µA. See Block Diagram for internal pull-up and pull-
down resistance.
Spread Spectrum Mode
The LT8645S-2 features spread spectrum operation to
further reduce EMI emissions. To enable spread spectrum
operation, the SYNC/MODE pin should be tied high to
INTVCC (~3.4V) or an external supply of 3V to 4V. In this
mode, triangular frequency modulation is used to vary
the switching frequency between the value programmed
by RT to approximately 20% higher than that value. The
modulation frequency is approximately 3kHz. For exam-
ple, when the LT8645S-2 is programmed to 2MHz, the
frequency will vary from 2MHz to 2.4MHz at a 3kHz rate.
When spread spectrum operation is selected, Burst Mode
operation is disabled, and the part will run in pulse-skip-
ping mode.
Figure 3. Burst Mode Operation
Switching Waveforms,
Burst Mode Operation
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 10mA
VSYNC = 0V
10µs/DIV
VSW
5V/DIV
IL
500mA/DIV
8645S F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com