Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8640
Description  65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 2 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT8645S-2
2
Rev. A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV................................................................65V
PG.............................................................................42V
BIAS..........................................................................25V
FB, TR/SS . .................................................................4V
SYNC/MODE Voltage . ................................................6V
Operating Junction Temperature Range (Note 2)
LT8645S-2E....................................... –40°C to 125°C
LT8645S-2J....................................... –40°C to 150°C
LT8645S-2H ...................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
ORDER INFORMATION
LQFN PACKAGE
32-LEAD (6mm × 4mm × 0.94mm)
JEDEC BOARD: θJA = 30°C/W, ΨJT = 0.6°C/W,
θJCTOP = 28.5°C/W, θJC(PAD) = 4.4°C/W (NOTE 3)
DEMO BOARD: θJA = 17°C/W
EXPOSED PADS (PINS 33-38) ARE GND, SHOULD BE SOLDERED TO PCB
TOP VIEW
11
12
13
14
15
16
32
31
30
29
28
27
21
17
18
19
20
26
22
23
24
25
6
10
9
8
7
1
5
4
3
2
VIN
GND
GND
GND
NC
BIAS
VIN
VIN
NC
INTVCC
VIN
GND
GND
GND
NC
RT
VIN
VIN
NC
EN/UV
33
GND
34
GND
35
GND
36
GND
37
GND
38
GND
PART NUMBER
PART MARKING*
FINISH CODE
PAD FINISH
PACKAGE TYPE**
MSL
RATING
TEMPERATURE RANGE
LT8645SEV-2#PBF
86452
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8645SJV-2#PBF
–40°C to 150°C
LT8645SHV-2#PBF
AUTOMOTIVE PRODUCTS***
LT8645SEV-2#WPBF
86452
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8645SJV-2#WPBF
–40°C to 150°C
LT8645SHV-2#WPBF
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
Parts ending with PBF are RoHS and WEEE compliant. **The LT8645S-2 package has the same footprint as a standard 6mm × 4mm QFN Package.
***Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com