Electronic Components Datasheet Search
  English  ▼

X  

TL494CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL494CD
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CD Datasheet(HTML) 5 Page - Texas Instruments

  TL494CD Datasheet HTML 1Page - Texas Instruments TL494CD Datasheet HTML 2Page - Texas Instruments TL494CD Datasheet HTML 3Page - Texas Instruments TL494CD Datasheet HTML 4Page - Texas Instruments TL494CD Datasheet HTML 5Page - Texas Instruments TL494CD Datasheet HTML 6Page - Texas Instruments TL494CD Datasheet HTML 7Page - Texas Instruments TL494CD Datasheet HTML 8Page - Texas Instruments TL494CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
7.5 Electrical Characteristics, Reference Section
over recommended operating free-air temperature range, VCC = 15 V, f = 10 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TL494C, TL494I
UNIT
MIN TYP(2)
MAX
Output voltage (REF)
IO = 1 mA
4.75
5
5.25
V
Input regulation
VCC = 7 V to 40 V
2
25
mV
Output regulation
IO = 1 mA to 10 mA
1
15
mV
Output voltage change with temperature
ΔTA = MIN to MAX
2
10
mV/V
Short-circuit output current(3)
REF = 0 V
25
mA
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(2)
All typical values, except for parameter changes with temperature, are at TA = 25°C.
(3)
Duration of short circuit should not exceed one second.
7.6 Electrical Characteristics, Oscillator Section
CT = 0.01 μF, RT = 12 kΩ (see Figure 8-1)
PARAMETER
TEST CONDITIONS(1)
TL494C, TL494I
UNIT
MIN TYP(2)
MAX
Frequency
10
kHz
Standard deviation of frequency(3)
All values of VCC, CT, RT, and TA constant
100
Hz/kHz
Frequency change with voltage
VCC = 7 V to 40 V, TA = 25°C
1
Hz/kHz
Frequency change with temperature(4)
ΔTA = MIN to MAX
10
Hz/kHz
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(2)
All typical values, except for parameter changes with temperature, are at TA = 25°C.
(3)
Standard deviation is a measure of the statistical distribution about the mean as derived from the formula:
(
)
N
2
n
n 1
x
X
N 1
=
-
s =
-
å
(4)
Temperature coefficient of timing capacitor and timing resistor are not taken into account.
7.7 Electrical Characteristics, Error-Amplifier Section
See Figure 8-2
PARAMETER
TEST CONDITIONS
TL494C, TL494I
UNIT
MIN TYP(1)
MAX
Input offset voltage
VO (FEEDBACK) = 2.5 V
2
10
mV
Input offset current
VO (FEEDBACK) = 2.5 V
25
250
nA
Input bias current
VO (FEEDBACK) = 2.5 V
0.2
1
μA
Common-mode input voltage range
VCC = 7 V to 40 V
–0.3 to VCC – 2
V
Open-loop voltage amplification
ΔVO = 3 V, VO = 0.5 V to 3.5 V, RL = 2 kΩ
70
95
dB
Unity-gain bandwidth
VO = 0.5 V to 3.5 V, RL = 2 kΩ
800
kHz
Common-mode rejection ratio
ΔVO = 40 V, TA = 25°C
65
80
dB
Output sink current (FEEDBACK)
VID = –15 mV to –5 V, V (FEEDBACK) = 0.7 V
0.3
0.7
mA
Output source current (FEEDBACK)
VID = 15 mV to 5 V, V (FEEDBACK) = 3.5 V
–2
mA
(1)
All typical values, except for parameter changes with temperature, are at TA = 25°C.
www.ti.com
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com