Electronic Components Datasheet Search
  English  ▼

X  

TL494CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL494CD
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL494CD Datasheet HTML 8Page - Texas Instruments TL494CD Datasheet HTML 9Page - Texas Instruments TL494CD Datasheet HTML 10Page - Texas Instruments TL494CD Datasheet HTML 11Page - Texas Instruments TL494CD Datasheet HTML 12Page - Texas Instruments TL494CD Datasheet HTML 13Page - Texas Instruments TL494CD Datasheet HTML 14Page - Texas Instruments TL494CD Datasheet HTML 15Page - Texas Instruments TL494CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
signal (error amplifier output) to be
∼0.7 V greater than the voltage across CT to inhibit the output logic, and
ensures maximum duty cycle operation without requiring the control voltage to sink to a true ground potential.
The output pulse width varies from 97% of the period to 0 as the voltage present at the error amplifier output
varies from 0.5 V to 3.5 V, respectively.
9.3.6 Error Amplifiers
Both high-gain error amplifiers receive their bias from the VI supply rail. This permits a common-mode input
voltage range from –0.3 V to 2 V less than VI. Both amplifiers behave characteristically of a single-ended
single-supply amplifier, in that each output is active high only. This allows each amplifier to pull up independently
for a decreasing output pulse-width demand. With both outputs ORed together at the inverting input node of the
PWM comparator, the amplifier demanding the minimum pulse out dominates. The amplifier outputs are biased
low by a current sink to provide maximum pulse width out when both amplifiers are biased off.
9.3.7 Output-Control Input
The output-control input determines whether the output transistors operate in parallel or push-pull. This input
is the supply source for the pulse-steering flip-flop. The output-control input is asynchronous and has direct
control over the output, independent of the oscillator or pulse-steering flip-flop. The input condition is intended
to be a fixed condition that is defined by the application. For parallel operation, the output-control input must
be grounded. This disables the pulse-steering flip-flop and inhibits its outputs. In this mode, the pulses seen at
the output of the dead-time control/PWM comparator are transmitted by both output transistors in parallel. For
push-pull operation, the output-control input must be connected to the internal 5-V reference regulator. Under
this condition, each of the output transistors is enabled, alternately, by the pulse-steering flip-flop.
9.3.8 Output Transistors
Two output transistors are available on the TL494. Both transistors are configured as open collector/open
emitter, and each is capable of sinking or sourcing up to 200 mA. The transistors have a saturation voltage of
less than 1.3 V in the common-emitter configuration and less than 2.5 V in the emitter-follower configuration.
The outputs are protected against excessive power dissipation to prevent damage, but do not employ sufficient
current limiting to allow them to be operated as current-source outputs.
9.4 Device Functional Modes
When the OUTPUT CTRL pin is tied to ground, the TL494 is operating in single-ended or parallel mode. When
the OUTPUT CTRL pin is tied to VREF, the TL494 is operating in normal push-pull operation.
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com