Electronic Components Datasheet Search
  English  ▼

X  

TL494CD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL494CD
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL494CD Datasheet HTML 6Page - Texas Instruments TL494CD Datasheet HTML 7Page - Texas Instruments TL494CD Datasheet HTML 8Page - Texas Instruments TL494CD Datasheet HTML 9Page - Texas Instruments TL494CD Datasheet HTML 10Page - Texas Instruments TL494CD Datasheet HTML 11Page - Texas Instruments TL494CD Datasheet HTML 12Page - Texas Instruments TL494CD Datasheet HTML 13Page - Texas Instruments TL494CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
9 Detailed Description
9.1 Overview
The design of the TL494 not only incorporates the primary building blocks required to control a switching power
supply, but also addresses many basic problems and reduces the amount of additional circuitry required in
the total design. The TL494 is a fixed-frequency pulse-width-modulation (PWM) control circuit. Modulation of
output pulses is accomplished by comparing the sawtooth waveform created by the internal oscillator on the
timing capacitor (CT) to either of two control signals. The output stage is enabled during the time when the
sawtooth voltage is greater than the voltage control signals. As the control signal increases, the time during
which the sawtooth input is greater decreases; therefore, the output pulse duration decreases. A pulse-steering
flip-flop alternately directs the modulated pulse to each of the two output transistors. For more information on the
operation of the TL494, see the application notes located on ti.com.
9.2 Functional Block Diagram
GND
VCC
Reference
Regulator
C1
Pulse-Steering
Flip-Flop
C1
1D
DTC
CT
RT
PWM
Comparator
+
−
Error Amplifier 1
≈0.1 V
Dead-Time Control
Comparator
Oscillator
OUTPUT CTRL
(see Function Table)
0.7 mA
E1
C2
E2
+
−
Error Amplifier 2
1IN+
1IN−
2IN+
2IN−
FEEDBACK
REF
6
5
4
1
2
16
15
3
13
8
9
11
10
12
14
7
Q1
Q2
≈0.7 V
9.3 Feature Description
9.3.1 5-V Reference Regulator
The TL494 internal 5-V reference regulator output is the REF pin. In addition to providing a stable reference,
it acts as a preregulator and establishes a stable supply from which the output-control logic, pulse-steering
flip-flop, oscillator, dead-time control comparator, and PWM comparator are powered. The regulator employs a
band-gap circuit as its primary reference to maintain thermal stability of less than 100-mV variation over the
operating free-air temperature range of 0°C to 70°C. Short-circuit protection is provided to protect the internal
reference and preregulator; 10 mA of load current is available for additional bias circuits. The reference is
internally programmed to an initial accuracy of ±5% and maintains a stability of less than 25-mV variation over
an input voltage range of 7 V to 40 V. For input voltages less than 7 V, the regulator saturates within 1 V of the
input and tracks it.
9.3.2 Oscillator
The oscillator provides a positive sawtooth waveform to the dead-time and PWM comparators for comparison to
the various control signals.
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com