Electronic Components Datasheet Search
  English  ▼

X  

TL494CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL494CD
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CD Datasheet(HTML) 1 Page - Texas Instruments

  TL494CD Datasheet HTML 1Page - Texas Instruments TL494CD Datasheet HTML 2Page - Texas Instruments TL494CD Datasheet HTML 3Page - Texas Instruments TL494CD Datasheet HTML 4Page - Texas Instruments TL494CD Datasheet HTML 5Page - Texas Instruments TL494CD Datasheet HTML 6Page - Texas Instruments TL494CD Datasheet HTML 7Page - Texas Instruments TL494CD Datasheet HTML 8Page - Texas Instruments TL494CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TL494 Pulse-Width-Modulation Control Circuits
1 Features
• Complete PWM Power-Control Circuitry
• Uncommitted Outputs for 200-mA Sink or
Source Current
• Output Control Selects Single-Ended or
Push-Pull Operation
• Internal Circuitry Prohibits Double Pulse at
Either Output
• Variable Dead Time Provides Control Over
Total Range
• Internal Regulator Provides a Stable 5-V
Reference Supply With 5% Tolerance
• Circuit Architecture Allows Easy Synchronization
2 Applications
• Desktop PCs
• Microwave Ovens
• Power Supplies: AC/DC, Isolated, With or Without
PFC
• Server PSUs
• Solar Micro-Inverters
• Washing Machines: Low-End and High-End
• E-Bikes
• Power: Telecom/Server AC/DC Supplies:
Dual Controller: Analog
• Smoke Detectors
• Solar Power Inverters
3 Description
The TL494 device incorporates all the functions
required in the construction of a pulse-width-
modulation (PWM) control circuit on a single chip.
Designed primarily for power-supply control, this
device offers the flexibility to tailor the power-supply
control circuitry to a specific application.
The TL494 device contains two error amplifiers,
an on-chip adjustable oscillator, a dead-time control
(DTC) comparator, a pulse-steering control flip-flop,
a 5-V, 5%-precision regulator, and output-control
circuits.
The error amplifiers exhibit a common-mode voltage
range from –0.3 V to VCC – 2 V. The dead-time
control comparator has a fixed offset that provides
approximately 5% dead time. The on-chip oscillator
can be bypassed by terminating RT to the reference
output and providing a sawtooth input to CT, or it can
drive the common circuits in synchronous multiple-rail
power supplies.
The uncommitted output transistors provide either
common-emitter or emitter-follower output capability.
The TL494 device provides for push-pull or single-
ended output operation, which can be selected
through the output-control function. The architecture
of this device prohibits the possibility of either output
being pulsed twice during push-pull operation.
The TL494 device is characterized for operation from
0°C to 70°C. The TL494I device is characterized for
operation from –40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE
TL494
SOIC (16)
9.90 mm × 3.91 mm
PDIP (16)
19.30 mm × 6.35 mm
SOP (16)
10.30 mm × 5.30 mm
TSSOP (16)
5.00 mm × 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Block Diagram
13
12
11
10
14
15
16
4
5
6
7
3
2
1
+
9
8
VREF
Osc
Control
TL494
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL494CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494CD MOTOROLA-TL494CD Datasheet
197Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL494CD ONSEMI-TL494CD Datasheet
143Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Texas Instruments
TL494CD TI-TL494CD Datasheet
210Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CD TI-TL494CD Datasheet
449Kb / 17P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Fairchild Semiconductor
TL494CD FAIRCHILD-TL494CD Datasheet
56Kb / 8P
SMPS Controller
More results

Similar Description - TL494CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001 TI-TL5001 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL594I TI-TL594I Datasheet
504Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com