Electronic Components Datasheet Search
  English  ▼

X  

SIL25C Datasheet(PDF) 4 Page - Artesyn Technologies

Part # SIL25C
Description  Single negative output 25 A DC-DC Converter C Class Non-Isolated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL25C Datasheet(HTML) 4 Page - Artesyn Technologies

  SIL25C Datasheet HTML 1Page - Artesyn Technologies SIL25C Datasheet HTML 2Page - Artesyn Technologies SIL25C Datasheet HTML 3Page - Artesyn Technologies SIL25C Datasheet HTML 4Page - Artesyn Technologies SIL25C Datasheet HTML 5Page - Artesyn Technologies SIL25C Datasheet HTML 6Page - Artesyn Technologies SIL25C Datasheet HTML 7Page - Artesyn Technologies SIL25C Datasheet HTML 8Page - Artesyn Technologies SIL25C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SIL25C Series | 25 A DC-DC Converter
C Class Non-Isolated
4
Other Specifications
Material Ratings
Characteristic - Signal Name Notes and Conditions
Flammability rating
UL94V-0
Material type
FR4 PCB
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Switching frequency
Fsw
250
kHz
Per phase, (2 phase)
Weight
28.3
g
Safety Agency Approvals
Characteristic
UL/cUL 60950 File No.
TBD
TÜV Product Service IEC 60950 Certificate No. TBD
Model Numbers
File Name: lf_sil25c_12_neg.pdf Rev (02): 22 Dec 2005
Model
Input
Output
Output Current
Typical
Max. Load
Number
Voltage
Voltage
(Max.)
Efficiency
Regulation
SIL25C-12SNEG-VJ
12VDC
-4.5V to -5.5V
25A
90%
±1.0%
RoHS Compliance Ordering Information
The ‘J’ at the end of the
part number
indicates that the
part is Pb-free
(RoHS 6/6 compliant). TSE RoHS 5/6
(non Pb-free) compliant versions may
be available on special request, please
contact your local sales representative
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com