Electronic Components Datasheet Search
  English  ▼

X  

SIL25C Datasheet(PDF) 5 Page - Artesyn Technologies

Part # SIL25C
Description  Single negative output 25 A DC-DC Converter C Class Non-Isolated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL25C Datasheet(HTML) 5 Page - Artesyn Technologies

  SIL25C Datasheet HTML 1Page - Artesyn Technologies SIL25C Datasheet HTML 2Page - Artesyn Technologies SIL25C Datasheet HTML 3Page - Artesyn Technologies SIL25C Datasheet HTML 4Page - Artesyn Technologies SIL25C Datasheet HTML 5Page - Artesyn Technologies SIL25C Datasheet HTML 6Page - Artesyn Technologies SIL25C Datasheet HTML 7Page - Artesyn Technologies SIL25C Datasheet HTML 8Page - Artesyn Technologies SIL25C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SIL25C Series | 25 A DC-DC Converter
5
www.artesyn.com
C Class Non-Isolated
File Name: lf_sil25c_12_neg.pdf Rev (02): 22 Dec 2005
Input Characteristics
SIL25C-12SNEG-VJ
Electrical Characteristics - O/P
SIL25C-12SNEG-VJ
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Nominal set-point voltage
Vo (nom)
-4.85
-5.05
-5.25
V DC
Vin = Vin (nom); Iout = Iout (NL)
Worst case condition over line,
load, temperature and life
Line regulation
±1.0
%
Iout = Vin (min) to Vin (max)
Load regulation
±1.0
%
Vin = Vin (nom); Iout (min) to
Iout (max)
Output current continuous
Iout
0
25
A DC
Output current - short circuit
Isc
23.9
A rms
Continuous, unit auto recovers
from short
Output voltage - noise
Vp-p
100
mV pk-pk Measurement bandwidth 20 MHz
Vrms
50
mV rms
See Application Note 1
48 for
measurement set-up details
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input current - operating
Iin
11.6
A DC
Vin = Vin (nom); Iout = Iout
(max.)
Reflected ripple current
Iin (ripple)
60
mA RMS
Iout = Iout (max.), measured
300
mA pk-pk with external filter. See
Application Note 1
48 for details
Input capacitance - internal
Cinput
18.8
µF
filter
Input capacitance - external
Cbypass
800
µF
Recommended customer
input
added capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com