Electronic Components Datasheet Search
  English  ▼

X  

SIL25C Datasheet(PDF) 7 Page - Artesyn Technologies

Part # SIL25C
Description  Single negative output 25 A DC-DC Converter C Class Non-Isolated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL25C Datasheet(HTML) 7 Page - Artesyn Technologies

Back Button SIL25C Datasheet HTML 3Page - Artesyn Technologies SIL25C Datasheet HTML 4Page - Artesyn Technologies SIL25C Datasheet HTML 5Page - Artesyn Technologies SIL25C Datasheet HTML 6Page - Artesyn Technologies SIL25C Datasheet HTML 7Page - Artesyn Technologies SIL25C Datasheet HTML 8Page - Artesyn Technologies SIL25C Datasheet HTML 9Page - Artesyn Technologies SIL25C Datasheet HTML 10Page - Artesyn Technologies SIL25C Datasheet HTML 11Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SIL25C Series | 25 A DC-DC Converter
C Class Non-Isolated
7
www.artesyn.com
File Name: lf_sil25c_12_neg.pdf Rev (02): 22 Dec 2005
SIL25C-12SNEG-VJ
AMBIENT TEMPERATURE (ºC)
5
10
15
20
25
30
0
20
40
60
80
1.0m/s
1.5m/s
2.0m/s
3.0m/s
OUTPUT CURRENT (A)
Low Line
Nom Line
High Line
80
82
84
86
88
90
92
94
0
5
10
15
20
25
Figure 1: Thermal De-rating Curve
Airflow Direction from Pin 24 to Pin 1
Figure 2: Efficiency vs Load and Line
Figure 3: Short Circuit Characteristic
(Channel 4: Output Current at 10A/div,
Channel 2: Output Voltage)
Figure 4: Transient Response 50-75% - 50%, 1A/µS
(Channel 2: Current load step at 5A/div,
Channel 3: Output Voltage deviation)
Figure 6: Typical Power Up
(Channel 2: DC Input, Channel 3: Output Voltage)
File Name: lf_sil25c_12_neg.pdf Rev (02): 22 Dec 2005
Figure 7: Control On/Off
(Channel 2: Remote ON/OFF, Channel 3: Output Voltage
Channel 4: Power Good)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com