Electronic Components Datasheet Search
  English  ▼

X  

SIL25C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL25C
Description  Single negative output 25 A DC-DC Converter C Class Non-Isolated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL25C Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL25C Datasheet HTML 1Page - Artesyn Technologies SIL25C Datasheet HTML 2Page - Artesyn Technologies SIL25C Datasheet HTML 3Page - Artesyn Technologies SIL25C Datasheet HTML 4Page - Artesyn Technologies SIL25C Datasheet HTML 5Page - Artesyn Technologies SIL25C Datasheet HTML 6Page - Artesyn Technologies SIL25C Datasheet HTML 7Page - Artesyn Technologies SIL25C Datasheet HTML 8Page - Artesyn Technologies SIL25C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Trim range (-4.5 Vdc to -5.5 Vdc)
High power density design means reduced board space requirement
Remote sense
Power good output signal (open collector)
Operating ambient temperature to 80 ºC with
suitable derating and forced air cooling
Remote ON/OFF (active high)
Overtemperature protection
0 A minimum load
Input undervoltage lockout
Overcurrent and short-circuit protection
Available RoHS compliant
SIL25C SERIES
Single negative output
SIL25C Series | 25 A DC-DC Converter
C Class Non-Isolated
1
[ 2 YEAR WARRANTY ]
The SIL25C is a new high density non-
isolated dc-dc converter. The converter
has a wide input range (10.2 Vdc to
13.8 Vdc) and offers a -4.5 Vdc to -5.5 Vdc
output voltage range with a 25 A load. The
series offers remote ON/OFF, over-
temperature protection and over-current
protection as standard.
The remote sense feature enables the
SIL25C compensate for voltage drops
between the converters output and the load.
With full international safety approvals
including EN60950 and UL/cUL60950 the
SIL25C reduces compliance costs and time
to market.
File Name: lf_sil25c_12_neg.pdf Rev (02): 22 Dec 2005


Similar Part No. - SIL25C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL25C EMERSON-NETWORKPOWER-SIL25C Datasheet
689Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Advanced Energy Industr...
SIL25C ADVANCEDENERGY-SIL25C Datasheet
402Kb / 5P
C-Class Non-Isolated
logo
Emerson Network Power
SIL25C-12SNEG-VJ EMERSON-NETWORKPOWER-SIL25C-12SNEG-VJ Datasheet
689Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL25C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
LDO06C ARTESYN-LDO06C Datasheet
715Kb / 21P
Single Output 6 A DC-DC C Class Non-Isolated DC/DC Converter
LDO10C ARTESYN-LDO10C Datasheet
651Kb / 20P
Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL40C2 ARTESYN-SIL40C2 Datasheet
606Kb / 4P
4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
logo
Rohm
BP5122 ROHM-BP5122_10 Datasheet
93Kb / 1P
Negative DC/DC Converter (Non-isolated)
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com