Electronic Components Datasheet Search
  English  ▼

X  

DS3131 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS3131
Description  Bit-SynchronouS (BoSS) HDLC Controller Demo Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3131 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS3131 Datasheet HTML 5Page - Dallas Semiconductor DS3131 Datasheet HTML 6Page - Dallas Semiconductor DS3131 Datasheet HTML 7Page - Dallas Semiconductor DS3131 Datasheet HTML 8Page - Dallas Semiconductor DS3131 Datasheet HTML 9Page - Dallas Semiconductor DS3131 Datasheet HTML 10Page - Dallas Semiconductor DS3131 Datasheet HTML 11Page - Dallas Semiconductor DS3131 Datasheet HTML 12Page - Dallas Semiconductor DS3131 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DS3131DK
9 of 33
2. SOFTWARE
2.1 Architecture
The DS3131DK software consists of a high-level piece of reference software called “BoSS” that sits on
top of a driver. This driver itself is composed of two discrete layers. The upper layer of the driver consists
of various blocks of C code that are specific to the DS3131. These blocks contain an assortment of
portable functions designed to serve as a low-level API for the BoSS. At the bottom level of the driver is
the commercially available WinDriver, which interfaces with the Windows operating system to the
DS3131DK’s PCI hardware.
Figure 2-1. Software Architecture
Target Application (BoSS)
3134.c
Syswd.c
hdlc.c
drv.c
l1.c
Dma.c
services.c
wd.c
WinDriver
2.2 Introduction to BoSS
The DS3131DK software (BoSS program) is written to run under a PC loaded with a Windows 95/98/NT
operating system using the DS3131DK PCI card. The software includes two parts—the GUI interface
(Figure 2-2) and driver code. It is developed by Visual C++ and using WinDriver to create the driver.
The software provides:
§ a simple demonstration of the DS3131 with the ability to set the device into a number of
different configurations
§ software drivers for the DS3131
§ the ability to explore and load new data into the BoSS registers
§ a utility to dump the internal BoSS registers to a file and to load BoSS from a file
§ user-configurable DMA parameters
The software does not implement all of the functions available in the DS3131. The user controls the
software through a main GUI interface, as shown in Figure 2-2. The software implements 28 ports,
coupled with 28 independent bidirectional HDLC channels. However, if a field in the main GUI is shaded
gray, the function is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com