Electronic Components Datasheet Search
  English  ▼

X  

DS3131 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS3131
Description  Bit-SynchronouS (BoSS) HDLC Controller Demo Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3131 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS3131 Datasheet HTML 17Page - Dallas Semiconductor DS3131 Datasheet HTML 18Page - Dallas Semiconductor DS3131 Datasheet HTML 19Page - Dallas Semiconductor DS3131 Datasheet HTML 20Page - Dallas Semiconductor DS3131 Datasheet HTML 21Page - Dallas Semiconductor DS3131 Datasheet HTML 22Page - Dallas Semiconductor DS3131 Datasheet HTML 23Page - Dallas Semiconductor DS3131 Datasheet HTML 24Page - Dallas Semiconductor DS3131 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DS3131DK
21 of 33
Descriptions of Receive DMA
Buffer
Large: RLBS register; maximum value = 0x1fff
Small: RSBS register; maximum value = 0x1fff
Offset: Receive DMA configuration RAM, dword2, bits 3–6
Size Select: Receive DMA configuration RAM dword2, bits 1 and 2
Free Queue
Large: Size of free queue for large buffer
Buffer in Queue: Number of buffers to put into the free queue
Small: Size of free queue for large buffer
Buffer in Queue: Number of buffers to put into the free queue
Maximum value of the free queue = 0x10000 (large + small)
FIFO: Enable/disable FIFO (RDMAQ, bit 0)
Done Queue
Size: Size of receive done queue, maximum value = 0x10000
FIFO: Enable/disable FIFO (RDMAQ, bit 4)
Flush Timer: RDQFFT, maximum value = 0xffff
Threshold: Receive DMA configuration RAM, dword2, bits 7–9
Control Descriptions
OK
The DMA settings are updated with the value from all fields.
SaveFile
Saves all the information from the GUI into a file.
Default
Restores all fields to BoSS default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com