Electronic Components Datasheet Search
  English  ▼

X  

DS3131 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS3131
Description  Bit-SynchronouS (BoSS) HDLC Controller Demo Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3131 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS3131 Datasheet HTML 9Page - Dallas Semiconductor DS3131 Datasheet HTML 10Page - Dallas Semiconductor DS3131 Datasheet HTML 11Page - Dallas Semiconductor DS3131 Datasheet HTML 12Page - Dallas Semiconductor DS3131 Datasheet HTML 13Page - Dallas Semiconductor DS3131 Datasheet HTML 14Page - Dallas Semiconductor DS3131 Datasheet HTML 15Page - Dallas Semiconductor DS3131 Datasheet HTML 16Page - Dallas Semiconductor DS3131 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DS3131DK
13 of 33
Control Descriptions
§ BoSS program sets the BoSS into a default state by issuing a software reset and then writing 0s into
all indirect registers. The software also runs a register diagnostic to ensure it can correctly write and
read all BoSS registers. The address of the buffer, descriptor, and queue are displayed in the message
box when the process is done. If the diagnostic fails, the software creates an error message and
displays it in the message box at the bottom of the main GUI interface.
§ BoSS program loads the BoSS registers with the settings in the GUI interface when this button is hit.
“Successfully configured port #” is displayed in the message box if successful.
§ The program transmits and receives packets based on the user’s selections. “Test Done” is displayed
in the message box when the test is done.
§ The user can stop the test any time. “Test stopped by user” is displayed in the message box when the
user hits this button.
§ This brings up a screen with detailed information about the packet results (Figure 2-3, Figure 2-4, and
Figure 2-5).
§ This brings the Physical Memory Viewer screen up (Figure 2-6). The software prompts the user for an
address, then dumps the next 32 dwords to the screen. The user manually cancels the screen. This
button is only active when a test is not being run.
§ This brings up the BoSS Registers screen (Figure 2-7) for the user to read from or write into the
register by hex number.
§ This brings up the DMA Configuration screen (Figure 2-8) for the user to configure the DMA by their
desired values. Otherwise, the software uses default values to configure the DMA.
§ The message box at the bottom of the main GUI displays the status of the process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com