Electronic Components Datasheet Search
  English  ▼

X  

OP270GS Datasheet(PDF) 5 Page - Analog Devices

Part # OP270GS
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GS Datasheet(HTML) 5 Page - Analog Devices

  OP270GS Datasheet HTML 1Page - Analog Devices OP270GS Datasheet HTML 2Page - Analog Devices OP270GS Datasheet HTML 3Page - Analog Devices OP270GS Datasheet HTML 4Page - Analog Devices OP270GS Datasheet HTML 5Page - Analog Devices OP270GS Datasheet HTML 6Page - Analog Devices OP270GS Datasheet HTML 7Page - Analog Devices OP270GS Datasheet HTML 8Page - Analog Devices OP270GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. C
–5–
OP270
FREQUENCY (Hz)
10
1
10
100
1k
1
1/f CORNER = 5Hz
TA = 25 C
VS = 15V
2
3
4
5
7
9
8
6
TPC 1. Voltage Noise Density
vs. Frequency
FREQUENCY (Hz)
10
10
100
10k
0.1
1.0
1k
TA = 25 C
VS = 15V
1/f CORNER = 200Hz
TPC 4. Current Noise Density
vs. Frequency
TEMPERATURE ( C)
7
–75
2
4
–50
0
50
100
125
3
6
VS = 15V
VCM = 0V
5
–25
25
75
TPC 7. Input Bias Current vs.
Temperature
SUPPLY VOLTAGE (V)
5
0
5
15
20
1
2
3
4
10
TA = 25 C
AT 10Hz
AT 1kHz
TPC 2. Voltage Noise Density
vs. Supply Voltage
TEMPERATURE ( C)
40
–75
–30
–10
10
30
–50
–25
0
25
50
75
100
125
–20
0
20
VS = 15V
TPC 5. Input Offset Voltage vs.
Temperature
TEMPERATURE ( C)
5
–75
0
2
–50
0
50
100
125
1
4
VS = 15V
VCM = 0V
3
–25
25
75
TPC 8. Input Offset Current vs.
Temperature
TA = 25 C
VS = 15V
0.1Hz TO 10Hz NOISE
TIME (1sec/DIV)
TPC 3. 0.1 Hz to 10 Hz Input
Voltage Noise
TIME (Minutes)
5
0
0
2
12345
1
4
TA = 25 C
VS = 15V
3
TPC 6. Warm-Up Offset Voltage
Drift
COMMON-MODE VOLTAGE (V)
7
–12.5
2
4
3
6
TA = 25 C
VS = 15V
5
–10.0
–7.5
–5.0
–2.5
0.0
2.5
5.0
7.5
10.0
12.5
TPC 9. Input Bias Current vs.
Common-Mode Voltage
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com