Electronic Components Datasheet Search
  English  ▼

X  

OP270GS Datasheet(PDF) 7 Page - Analog Devices

Part # OP270GS
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GS Datasheet(HTML) 7 Page - Analog Devices

Back Button OP270GS Datasheet HTML 3Page - Analog Devices OP270GS Datasheet HTML 4Page - Analog Devices OP270GS Datasheet HTML 5Page - Analog Devices OP270GS Datasheet HTML 6Page - Analog Devices OP270GS Datasheet HTML 7Page - Analog Devices OP270GS Datasheet HTML 8Page - Analog Devices OP270GS Datasheet HTML 9Page - Analog Devices OP270GS Datasheet HTML 10Page - Analog Devices OP270GS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. C
–7–
OP270
FREQUENCY (Hz)
28
0
1k
8
12
20
10k
100k
1M
10M
4
16
24
TA = 25 C
VS = 15V
THD = 1%
TPC 19. Maximum Output
Swing vs. Frequency
FREQUENCY (Hz)
0
1k
100k
10M
25
50
75
100
10k
1M
TA = +25 C
VS = 15V
AV = 100
AV = 10
AV = 1
TPC 22. Output Impedance vs.
Frequency
FREQUENCY (Hz)
0.001
10
10k
0.1
1k
TA = 25 C
VS = 15V
VO = 20V p-p
RL =2k
100
0.01
AV = 10
AV = 1
TPC 25. Total Harmonic Distor-
tion vs. Frequency
LOAD RESISTANCE ( )
5
1k
10k
100k
TA = 25 C
VS = 15V
6
7
8
9
10
11
12
13
14
15
NEGATIVE
SWING
POSITIVE
SWING
TPC 20. Maximum Output
Voltage vs. Load Resistance
TEMPERATURE ( C)
2.2
–75
25
125
2.5
2.8
–25
75
VS = 15V
–SR
+SR
0
100
–50
50
2.3
2.4
2.6
2.7
TPC 23. Slew Rate vs.
Temperature
TA = 25 C
VS = 15V
AV = +1
RL = 2k
5V
20 s
TPC 26. Large Signal Transcient
Response
CAPACITIVE LOAD (pF)
0
0
400
1000
TA = 25 C
VS = 15V
VIN = 100mV
AV = +1
10
20
30
40
50
200
600
800
TPC 21. Small-Signal Overshoot
vs. Capacitive Load
FREQUENCY (Hz)
70
11k
1M
130
190
10k
TA = 25 C
VS = 15V
VO = 20V p-p TO 10kHz
100
100k
10
90
110
150
170
120
180
80
100
140
160
TPC 24. Channel Separation vs.
Frequency
TA = 25 C
VS = 15V
AV = +1
RL = 2k
50mV
200nS
TPC 27. Small-Signal
Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com