Electronic Components Datasheet Search
  English  ▼

X  

OP270GS Datasheet(PDF) 6 Page - Analog Devices

Part # OP270GS
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GS Datasheet(HTML) 6 Page - Analog Devices

Back Button OP270GS Datasheet HTML 2Page - Analog Devices OP270GS Datasheet HTML 3Page - Analog Devices OP270GS Datasheet HTML 4Page - Analog Devices OP270GS Datasheet HTML 5Page - Analog Devices OP270GS Datasheet HTML 6Page - Analog Devices OP270GS Datasheet HTML 7Page - Analog Devices OP270GS Datasheet HTML 8Page - Analog Devices OP270GS Datasheet HTML 9Page - Analog Devices OP270GS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. C
OP270
–6–
FREQUENCY (Hz)
130
10
60
40
110
TA = 25 C
VS = 15V
80
110
100
1k
10k
100k
1M
120
100
90
70
50
30
20
TPC 10. CMR vs. Frequency
FREQUENCY (Hz)
140
0
1
100
10k
1M
100M
TA = 25 C
10
1k
100k
10M
20
40
60
80
100
120
–PSR
+PSR
TPC 13. PSR vs. Frequency
FREQUENCY (Hz)
25
–10
1
–5
0
5
15
10
20
TA = 25 C
VS = 15V
PHASE
GAIN
PHASE
MARGIN = 62
80
180
160
120
140
100
23
4
5
6 7 8 9 10
TPC 16. Open-Loop Gain Phase
Shift vs. Frequency
SUPPLY VOLTAGE (V)
6
2
3
0
5
10
15
20
5
4
+125 C
+25 C
–55 C
TPC 11. Total Supply Current
vs. Supply Voltage
FREQUENCY (Hz)
140
0
1
100
10k
1M
100M
TA = 25 C
VS = 15V
10
1k
100k
10M
20
40
60
80
100
120
TPC 14. Open-Loop Gain vs.
Frequency
SUPPLY VOLTAGE (V)
5000
0
0
1000
2000
3000
4000
5
10
15
20
25
TPC 17. Open-Loop Gain vs.
Supply Voltage
TEMPERATURE ( C)
8
0
2
–75
–25
25
75
125
6
4
VS = 15V
–50
0
50
100
7
1
5
3
TPC 12. Total Supply Current
vs. Temperature
FREQUENCY (Hz)
80
–20
1k
10k
TA = 25 C
VS = 15V
100k
10M
0
20
40
60
1M
TPC 15. Closed-Loop Gain vs.
Frequency
TEMPERATURE ( C)
80
40
–75
50
60
70
–50 –25
0
25
50
75
100 125 150
8
7
6
5
4
GBP
TPC 18. Gain-Bandwidth Phase
Margin vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com