Electronic Components Datasheet Search
  English  ▼

X  

OP270GS Datasheet(PDF) 8 Page - Analog Devices

Part # OP270GS
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GS Datasheet(HTML) 8 Page - Analog Devices

Back Button OP270GS Datasheet HTML 4Page - Analog Devices OP270GS Datasheet HTML 5Page - Analog Devices OP270GS Datasheet HTML 6Page - Analog Devices OP270GS Datasheet HTML 7Page - Analog Devices OP270GS Datasheet HTML 8Page - Analog Devices OP270GS Datasheet HTML 9Page - Analog Devices OP270GS Datasheet HTML 10Page - Analog Devices OP270GS Datasheet HTML 11Page - Analog Devices OP270GS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. C
OP270
–8–
1/2
OP270
V1 20Vp-p
5k
500
5k
50
V2
1/2
OP270
CHANNEL SEPARATION = 20 log
V
1
V
2
/1000
Figure 1. Channel Separation Test Circuit
1/2
OP270
1/2
OP270
7
1
8
5
6
3
2
100k
100k
200k
4
+18V
–18V
Figure 2. Burn-In Circuit
APPLICATIONS INFORMATION
VOLTAGE AND CURRENT NOISE
The OP270 is a very low noise dual op amp, exhibiting atypical
voltage noise of only 3.2 nV/
÷÷÷÷÷Hz @ 1 kHz. The exceptionally
low noise characteristic of the OP270 is achieved in part by
operating the input transistors at high collector currents since
the voltage noise is inversely proportional to the square root of
the collector current. Current noise, however, is directly propor-
tional to the square root of the collector current. As a result, the
outstanding voltage noise performance of the OP270 is gained
at the expense of current noise performance, which is normal for
low noise amplifiers.
To obtain the best noise performance in a circuit, it is vital to
understand the relationship between voltage noise (en), current
noise (in), and resistor noise (et).
TOTAL NOISE AND SOURCE RESISTANCE
The total noise of an op amp can be calculated by:
Ee
i R
e
nn
n
S
t
=
() + () + ()
22
2
where:
En = total input referred noise
en = op amp voltage noise
in = op amp current noise
et = source resistance thermal noise
RS = source resistance
The total noise is referred to the input and at the output would
be amplified by the circuit gain.
Figure 3 shows the relationship between total noise at 1 kHz
and source resistance. For RS < 1 k
W the total noise is dominated
by the voltage noise of the OP270. As RS rises above 1 k
W, total
noise increases and is dominated by resistor noise rather than by
the voltage or current noise of the OP270. When RS exceeds
20 k
W, current noise of the OP270 becomes the major contributor
to total noise.
RS – SOURCE RESISTANCE ( )
100
100
1k
10k
100k
1
10
OP270
RESISTOR
NOISE ONLY
OP200
Figure 3. Total Noise vs. Source Resistance
(Including Resistor Noise) at 1 kHz
Figure 4 also shows the relationship between total noise and
source resistance, but at 10 Hz. Total noise increases more
quickly than shown in Figure 3 because current noise is inversely
proportional to the square root of frequency. In Figure 4, current
noise of the OP270 dominates the total noise when RS > 5 k
W.
Figures 3 and 4 show that to reduce total noise, source resistance
must be kept to a minimum. In applications with a high source
resistance, the OP200, with lower current noise than the OP270,
will provide lower total noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com