Electronic Components Datasheet Search
  English  ▼

X  

MLX90366 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Daughter Board for Melexis PTC devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PTC04-DB-HALL06
Daughter Board for Melexis PTC devices
REVISION 7 – 20 December 2021
Datasheet
Page 9 of 23
3901290014503
Daughter Board for Melexis PTC devices
2.3. Daughter board Connectors
The main board has two connectors to the interface with the application. The PTC allows adding a full PCB in
between. This daughter board can be mounted on the two connectors. In some exceptional cases, a
daughter board contains only a few wires from the Analog connector to the application connector. The pins
on of the connectors are described below.
Figure 12: Daughter Board Connectors
Meas_Line_P1
+36V_SUPPLY
ISENSE_PPS3
VOUT_PPS4
ANA.COMP2
ISENSE_PPS2
PE5
SDA
Rd
FC
ISENSE_PPS1
PE4
D1
VOUT_PPS3
A0
Meas_Line_P3
PE0
F8
A6
PE3
ANA.COMP0
D4
AGND
D6
PE7
Meas_Line_N3
D5
Meas_Line_P4
FA
Meas_Line_N2
SCL
VOUT_PPS1
D3
Wr
+5V_Digital_Supply
A4
FB
AGND
VOUT_PPS2
D2
D7
48 pin header
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
35
37
36
38
39
40
41
42
43
44
45
46
47
48
DIGITAL DB
CONNECTOR
Meas_Line_N4
Meas_Line_P2
ANALOG DB
CONNECTOR
PE1
40 Pin Header
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
A1
PE6
ANA.COMP3
Meas_Line_N1
FE
D0
+2.5V_REF_SUPPLY
DGND
ANA.COMP1
A7
FD
FF
A2
A5
A3
F9
PE2
Reset
ISENSE_PPS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com