Electronic Components Datasheet Search
  English  ▼

X  

MLX90366 Datasheet(PDF) 20 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Daughter Board for Melexis PTC devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 20 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 23Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
PTC04-DB-HALL06
Daughter Board for Melexis PTC devices
REVISION 7 – 20 December 2021
Datasheet
Page 20 of 23
3901290014503
Daughter Board for Melexis PTC devices
2.5. Jumper Selection
2.5.1. CON18 and CON19 – short measuring lines
The D-SUP DB-25 connector of the daughter board
is equipped with a sensing line for each analog
device pin.
The top row is the force line of the device pins.
The bottom row is the sensing line of the device
pins.
Between each force and sense line there is a
jumper to short the sense line at the DB-25
connector on the daughter board.
The jumper is placed when the external sensing is
not required. For example: an application with a
digital or PWM output.
Figure 13: Jumper between force and sense line.
Figure 14: DB-25 device connector.
CON18 and CON19 are used to short the force and
sense line of the analog device pins.
In other words, they are used to select single wire
or double wire connection to the pin of the
module / sensor.
CON18  Device / Die A
CON19  Device / Die B
D-SUB DB-25
Connector
VDDA
VDD_Sens
Module
Connector
VDD
C J
Single wire connection
When the jumper is closed, only one wire is
required per pin between the PTC-04 and the
module or sensor.
In the table above these pins are marked as
“Minimum required single/dual die connection”.
In this configuration the measurement of VDD,
OUT1 or OUT2 is done at the D-SUB DB-25
connector of the PTC04-DB-HALL06.
D-SUB DB-25
Connector
VDDA
VDDA_Sens
Module
Connector
VDD
O J
Double wire connection
When the jumper is open, two wires are required
per pin between the PTC-04 and the module or
sensor.
With two wires connected at the module side, the
measurement of VDD, OUT1 or OUT2 is done on
the module or sensor connector.
The external sensing line per pin is only required
for applications with an analog sensor output and
where a higher measuring accuracy is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com