Electronic Components Datasheet Search
  English  ▼

X  

MLX90366 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Daughter Board for Melexis PTC devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PTC04-DB-HALL06
Daughter Board for Melexis PTC devices
REVISION 7 – 20 December 2021
Datasheet
Page 10 of 23
3901290014503
Daughter Board for Melexis PTC devices
2.3.1. Digital DB Connector (40 Pins)
Mainly, the digital connector is meant to expand the programmer to extra needs. Address lines A0 -A7
together with the Map Select Lines F8-FF allows to direct access an area of 2 K. Examples would be adding a
simple addressed I/O register by using the selection lines. If more complexity is needed, a full FPGA can be
mounted on the DB board
Pins
Names
Description
1 – 8
A0 – A7
Address lines
9 – 16
D0 – D7
Data Lines active during Rd or Wr signals
17
Rd
Read: A negative pulse will indicate a sampling of the data on the Data Bus
18
Wr
Write: A Negative pulse will indicate when data is available on the Data Bus
20
Reset
This signal goes low by powering the PTC or by pressing the reset button. This line can be
pulled low by application. Check firmware documentation for resetting by software.
21-22
SCL / SDA
I2c Bus
23-30
F8,F9,…,FF
CS lines when the address areas are accessed
31-38
Port E
Note: These pins are limited to 5 Volt input\output!!!! The full Port E of the Atmega core is
mounted to these pins. This allows us to use advanced features like PWM, UARTS, Time
Measurements, etc…. By using firmware that supports these, functions, application specific
requirements can be fulfilled.
39
DGND
Digital Ground
40
+5V Digital
5 Volt Digital Supply. Maximum current to get out of this supply: 250mA
Note: All the pins are limited to 5 Volt input\output!!!! However, there are Protections, please take precautions in order
to avoid damage of the main board.
2.3.2. Analog DB Connector (48 Pins)
Mainly, the analog connector provides all the analog signals and measure possibilities.
Pins
Names
Description
28,32,36
PPS 1-3
Output of the Programmable Supplies
40
PPS 4
Output of the Fast DAC Programmable Power Supply
27,31,35,39
Isense_PP1-4
Outputs (Driver outputs before Rsens) for current evaluations. These outputs
could be used to connect to the analog comparators in order to create fa st
digital signals based on current.
2,4,6,8
ExtMeas1-4Pos
There are 4 differential inputs for making measurements
10,12,14,16
ExtMeas1_4Neg
The negative inputs of ExtMeas1-4Pos
17,19,21,23
Shtd_PPS1-4
Outputs that shows the status of the Drivers. Signals are meant to connect LED's
to put the front panel
43,44,47,48
AnaComp0-3
Input (limited to 5V) See *Note.
Fast Level comparators in order to remove time consuming measurement
18
+35V_Supply
Supply to extend the daughter board with some extra drivers
24
+2.5V Ref
Output of internal reference
All other
AGND
Analog Ground
Note: All the pins are limited to 35 Volt input\output!!!! However, there are Protections, please take precautions in
order to avoid damage of the main board.
* Note: Some pins are protected and limited to 5 Volt!!!! However, there are Protections, please take precautions in
order to avoid damage of the main board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com