Electronic Components Datasheet Search
  English  ▼

X  

MLX90366 Datasheet(PDF) 17 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Daughter Board for Melexis PTC devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 17 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 21Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
PTC04-DB-HALL06
Daughter Board for Melexis PTC devices
REVISION 7 – 20 December 2021
Datasheet
Page 17 of 23
3901290014503
Daughter Board for Melexis PTC devices
PTC04
90380
D-SUB 25
SO
TSSOP
Pin
Names
Description
Pin
Pin
1
VDDA
Supply Device A (Minimum required single die connection)
6/7
14/15
2
OUT1A
Output 1 Device A (Minimum required single die connection)
8
16
3
OUT2A
Output 2 Device A
5
13
4
VSSA
Analog Ground Device A (Minimum required single die connection)
1
1
5
VDDB
Supply Device B (Minimum required dual die connection
10)
6/7
6
OUT1B
Output 1 Device B (Minimum required dual die connection)
8
7
OUT2B
Output 2 Device B
5
8
VSSB
Analog Ground Device B (Minimum required dual die connection)
9
9
SPI CLOCK
10
V_BAT
Programmable power supply (Max 30mA load)
11
M2S
Digital IO
12
SCL
I2C communication
13
+5Vdig
Digital supply used for I2C devices
14
VDDA_S
Sensing Supply Device A
6/7
14/15
15
OUT1A_S
Sensing Output 1 Device A
8
16
16
OUT2A_S
Sensing Output 2 Device A
5
13
17
VSSA_S
Sensing Analog Ground Device A
1
1
18
VDDB_S
Sensing Supply Device B
6/7
19
OUT1B_S
Sensing Output 1 Device B
8
20
OUT2B_S
Sensing Output 2 Device B
5
21
VSSB_S
Sensing Analog Ground Device B
9
22
DB_TEST
Free measuring line
23
S2M
Digital IO
24
SDA
I2C communication
25
DGND
Digital ground for I2C communication
MH
AGND
Metal Housing (shielding of the connector)
10 In case of a dual die connection with a common supply in the application (common VDD), only the VDDA pin of the
daughter board device connector needs to be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com