Electronic Components Datasheet Search
  English  ▼

X  

EFP01 Datasheet(PDF) 125 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 125 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 121Page - Silicon Laboratories EFP01 Datasheet HTML 122Page - Silicon Laboratories EFP01 Datasheet HTML 123Page - Silicon Laboratories EFP01 Datasheet HTML 124Page - Silicon Laboratories EFP01 Datasheet HTML 125Page - Silicon Laboratories EFP01 Datasheet HTML 126Page - Silicon Laboratories EFP01 Datasheet HTML 127Page - Silicon Laboratories EFP01 Datasheet HTML 128Page - Silicon Laboratories EFP01 Datasheet HTML 129Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 158 page
background image
Bit
Name
Reset
Access
Description
0
DIRECT_MODE_EN
0
read-write
Set to enable Direct Mode. After DIRECT_MODE_EN is
set, on the next I2C stop condition the EFP01 will disable
the internal pullups on the I2C lines. At that point, the
EFP01's I2C pins are expecting to be driven by push-pull
outputs from the host processor to control the energy
mode state. If FORCE_EM0==1, an I2C start condition
(SCL=1, SDA=0) will cause EFP01 to exit Direct Mode and
re-enable the internal I2C pullups.
6.2.33 VOA_V
Offset
Bit Position
0x49
7
6
5
4
3
2
1
0
Reset
0x00
Access
Name
Table 6.33. VOA_V
Bit
Name
Reset
Access
Description
7
RESERVED
0
Reserved. Always write bits to 0.
6:0
VOA_V
0x00
read-write
Controls DCDC A output voltage target in EM0/EM2
VOA target =1.7374 V + ( VOA_V * 0.0306 V )
Note in Boost modes, it is possible to program the VOA
target to a higher voltage than supported in the datasheet.
The system designer should ensure that the VOA_V out-
put voltage programming does not exceed the datasheet
Output Programmable Voltage Range value.
The VOA Output Accuracy specifications should be taken
into consideration to ensure the output voltage range
meets the load's input voltage requirements.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com