Electronic Components Datasheet Search
  English  ▼

X  

EFP01 Datasheet(PDF) 127 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 127 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 123Page - Silicon Laboratories EFP01 Datasheet HTML 124Page - Silicon Laboratories EFP01 Datasheet HTML 125Page - Silicon Laboratories EFP01 Datasheet HTML 126Page - Silicon Laboratories EFP01 Datasheet HTML 127Page - Silicon Laboratories EFP01 Datasheet HTML 128Page - Silicon Laboratories EFP01 Datasheet HTML 129Page - Silicon Laboratories EFP01 Datasheet HTML 130Page - Silicon Laboratories EFP01 Datasheet HTML 131Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 158 page
background image
6.2.36 VOB_EM2_V
Offset
Bit Position
0x4D
7
6
5
4
3
2
1
0
Reset
0x00
Access
Name
Table 6.36. VOB_EM2_V
Bit
Name
Reset
Access
Description
7
RESERVED
0
Reserved. Always write bits to 0.
6:0
VOB_EM2_V
0x00
read-write
Controls DCDC B output voltage target in EM2
VOB target in EM2 =0.8095 V + ( VOB_EM2_V * 0.0223
V )
The VOB Output Accuracy specifications should be taken
into consideration to ensure the output voltage range
meets the load's input voltage requirements.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com