Electronic Components Datasheet Search
  English  ▼

X  

2SC4183 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4183
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4183 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4183 Datasheet HTML 1Page - Renesas Technology Corp 2SC4183 Datasheet HTML 2Page - Renesas Technology Corp 2SC4183 Datasheet HTML 3Page - Renesas Technology Corp 2SC4183 Datasheet HTML 4Page - Renesas Technology Corp 2SC4183 Datasheet HTML 5Page - Renesas Technology Corp 2SC4183 Datasheet HTML 6Page - Renesas Technology Corp 2SC4183 Datasheet HTML 7Page - Renesas Technology Corp 2SC4183 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©
1984
DATA SHEET
SILICON TRANSISTOR
2SC4183
RF AMPLIFIER FOR UHF TV TUNER
NPN SILICON EPITAXIAL TRANSISTOR
SUPER MINI MOLD
DESCRIPTION
The 2SC4183 is specifically designed for UHF RF amplifier applica-
tions. The 2SC4183 features high gain, low noise, and excellent forward
AGC characteristics in tiny plastic super mini mold package makes it
suitable for use in small type equipments such as Hybrid Integrated
Circuit and other applications.
FEATURES
•
Low NF and high Gpb
NF = 3.0 dB Typ.
Gpb = 10 dB Typ. (f = 900 MHz)
•
Foward AGC characteristics.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCB0
30
V
Collector to Emitter Voltage
VCE0
25
V
Emitter to Base Voltage
VEB0
3.0
V
Collector Current
IC
20
mA
Total Power Dissipation
PT
160
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
Characteristics
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Collector Cutoff Current
ICB0
0.1
µAVCB = 10 V, IE = 0
DC Current Gain
hFE
60
100
240
VCE = 5 V, IC = 2 mA
Gain Bandwidth Product
fT
700
1 000
MHz
VCE = 5 V, IC = 2 mA
Output Capacitance
Cob
0.55
1.0
pF
VCB = 5 V, IE = 0
Noise Figure
NF
3.0
4.8
dB
VCE = 5 V, IC = 2 mA, f = 900 MHz
Power Gain
Gpb
610
dB
VCE = 5 V, IC = 2 mA, f = 900 MHz
Collector Saturation Voltage
VCE(sat)
0.5
V
IC = 10 mA, IB = 1 mA
hFE Classification
Rank
U16
U17
U18
Marking
U16
U17
U18
hFE
60 to 120
90 to 180
120 to 240
Document No. P11188EJ4V0DS00 (4th edition)
(Previous No. TC-1432A)
Date Published February 1996 P
Printed in Japan
PACKAGE DIMENSIONS
in millimeters
2.1 ± 0.1
1.25 ± 0.1
2
1
3
Marking
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com