Electronic Components Datasheet Search
  English  ▼

X  

2SC4183 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4183
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4183 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4183 Datasheet HTML 1Page - Renesas Technology Corp 2SC4183 Datasheet HTML 2Page - Renesas Technology Corp 2SC4183 Datasheet HTML 3Page - Renesas Technology Corp 2SC4183 Datasheet HTML 4Page - Renesas Technology Corp 2SC4183 Datasheet HTML 5Page - Renesas Technology Corp 2SC4183 Datasheet HTML 6Page - Renesas Technology Corp 2SC4183 Datasheet HTML 7Page - Renesas Technology Corp 2SC4183 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4183
4
VCE = 5 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.782
–59.3
7.097
135.7
0.023
67.0
0.926
–7.7
200.00
0.586
–96.5
4.886
112.4
0.030
48.9
0.854
–8.1
300.00
0.472
–122.1
3.532
97.9
0.036
44.9
0.811
–8.7
400.00
0.422
–140.6
2.807
89.3
0.038
49.4
0.801
–7.6
500.00
0.401
–155.4
2.271
82.0
0.042
50.8
0.774
–6.9
600.00
0.391
–168.4
1.928
77.4
0.046
56.1
0.785
–7.0
700.00
0.384
–179.9
1.686
70.3
0.049
58.1
0.784
–6.5
800.00
0.383
171.8
1.510
65.5
0.055
62.1
0.794
–8.0
900.00
0.384
165.4
1.314
60.5
0.059
66.4
0.794
–8.8
1000.00
0.405
159.1
1.188
56.1
0.066
67.4
0.785
–11.5
1100.00
0.426
152.4
1.083
53.1
0.071
70.6
0.771
–12.3
1200.00
0.433
144.6
1.004
48.2
0.076
71.5
0.743
–13.4
1300.00
0.438
138.9
0.950
43.9
0.085
73.3
0.733
–13.2
1400.00
0.439
134.7
0.847
40.2
0.089
74.8
0.716
–13.0
1500.00
0.455
131.2
0.789
35.0
0.098
74.8
0.726
–13.1
1600.00
0.469
127.6
0.722
35.1
0.104
78.0
0.718
–13.4
1700.00
0.484
123.2
0.667
32.2
0.112
77.4
0.723
–15.5
1800.00
0.496
119.6
0.647
31.2
0.123
79.4
0.718
–16.1
1900.00
0.506
116.4
0.614
28.5
0.132
78.2
0.700
–18.0
2000.00
0.522
113.3
0.593
24.5
0.143
76.4
0.691
–19.1
VCE = 5 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.729
178.0
0.076
54.1
0.011
31.5
0.847
–2.4
200.00
0.730
171.9
0.038
45.2
0.014
41.6
0.839
–3.1
300.00
0.740
167.5
0.031
47.4
0.017
52.0
0.822
–5.0
400.00
0.745
164.1
0.027
54.1
0.020
64.3
0.822
–5.4
500.00
0.766
159.0
0.029
62.9
0.023
71.4
0.797
–5.6
600.00
0.772
153.8
0.031
74.6
0.029
81.6
0.807
–6.6
700.00
0.763
147.3
0.036
81.3
0.034
85.3
0.805
–6.6
800.00
0.757
144.0
0.045
84.6
0.042
88.4
0.811
–8.6
900.00
0.738
141.5
0.049
89.4
0.048
91.6
0.807
–9.8
1000.00
0.771
138.4
0.058
89.6
0.057
91.2
0.794
–12.8
1100.00
0.789
135.2
0.064
93.1
0.065
93.3
0.776
–13.8
1200.00
0.789
129.1
0.073
92.5
0.072
93.6
0.743
–15.0
1300.00
0.789
125.0
0.083
93.5
0.083
94.6
0.729
–15.0
1400.00
0.775
121.9
0.090
94.1
0.090
94.6
0.707
–14.9
1500.00
0.782
119.3
0.102
92.0
0.102
93.0
0.712
–14.9
1600.00
0.787
116.5
0.110
94.2
0.110
94.1
0.700
–15.2
1700.00
0.791
113.0
0.121
92.9
0.121
92.1
0.702
–17.1
1800.00
0.789
110.2
0.132
92.2
0.132
93.1
0.693
–17.6
1900.00
0.793
107.8
0.142
90.3
0.141
90.7
0.673
–19.3
2000.00
0.804
105.3
0.153
87.7
0.154
88.1
0.661
–20.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com