Electronic Components Datasheet Search
  English  ▼

X  

2SC4183 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC4183
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4183 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC4183 Datasheet HTML 1Page - Renesas Technology Corp 2SC4183 Datasheet HTML 2Page - Renesas Technology Corp 2SC4183 Datasheet HTML 3Page - Renesas Technology Corp 2SC4183 Datasheet HTML 4Page - Renesas Technology Corp 2SC4183 Datasheet HTML 5Page - Renesas Technology Corp 2SC4183 Datasheet HTML 6Page - Renesas Technology Corp 2SC4183 Datasheet HTML 7Page - Renesas Technology Corp 2SC4183 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SC4183
5
VCE = 10 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.822
–48.8
7.517
141.7
0.021
67.7
0.947
–6.9
200.00
0.630
–82.1
5.516
119.0
0.028
54.9
0.877
–7.9
300.00
0.492
–106.6
4.122
103.7
0.035
49.8
0.829
–8.8
400.00
0.420
–125.1
3.247
94.5
0.037
52.1
0.818
–7.7
500.00
0.385
–140.6
2.722
87.1
0.040
52.4
0.788
–6.9
600.00
0.365
–154.9
2.325
82.5
0.044
58.0
0.799
–6.8
700.00
0.351
–167.7
2.046
75.2
0.047
59.4
0.799
–6.2
800.00
0.346
–177.4
1.838
70.4
0.053
62.9
0.809
–7.5
900.00
0.347
174.8
1.608
65.1
0.055
67.3
0.810
–8.3
1000.00
0.363
167.3
1.460
60.5
0.062
68.2
0.802
–10.8
1100.00
0.382
159.7
1.330
57.4
0.066
71.9
0.789
–11.6
1200.00
0.389
151.2
1.242
52.5
0.071
73.3
0.762
–12.6
1300.00
0.392
145.0
1.167
48.1
0.080
75.4
0.754
–12.2
1400.00
0.396
140.4
1.046
44.4
0.084
76.9
0.737
–12.1
1500.00
0.413
136.7
0.978
38.9
0.093
77.1
0.751
–12.1
1600.00
0.429
132.8
0.901
38.8
0.098
80.5
0.744
–12.4
1700.00
0.446
128.0
0.835
35.6
0.106
79.9
0.753
–14.6
1800.00
0.461
124.2
0.815
34.2
0.116
82.3
0.750
–15.1
1900.00
0.471
120.8
0.776
31.1
0.124
81.3
0.732
–17.0
2000.00
0.488
117.5
0.752
26.5
0.136
79.4
0.724
–18.3
VCE = 10 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.548
–170.0
0.710
84.2
0.009
55.6
0.930
–2.0
200.00
0.564
177.7
0.341
67.9
0.012
63.9
0.925
–3.0
300.00
0.577
171.6
0.218
57.1
0.015
67.5
0.907
–5.3
400.00
0.590
167.1
0.151
51.7
0.018
79.0
0.909
–5.7
500.00
0.610
161.5
0.116
48.8
0.023
82.7
0.879
–6.2
600.00
0.620
155.9
0.096
50.6
0.028
89.0
0.892
–7.3
700.00
0.618
149.2
0.082
51.5
0.034
90.7
0.887
–7.4
800.00
0.615
145.5
0.077
55.3
0.042
93.8
0.895
–9.5
900.00
0.607
142.8
0.070
62.0
0.047
95.9
0.890
–10.7
1000.00
0.637
139.7
0.071
66.2
0.056
95.0
0.875
–13.9
1100.00
0.656
136.1
0.071
73.1
0.063
96.1
0.856
–15.0
1200.00
0.661
130.0
0.075
76.3
0.069
97.0
0.819
–16.3
1300.00
0.664
125.7
0.082
80.9
0.080
97.8
0.803
–16.3
1400.00
0.658
122.6
0.086
83.9
0.086
97.9
0.780
–16.4
1500.00
0.667
119.9
0.095
84.9
0.098
96.1
0.786
–16.5
1600.00
0.676
117.1
0.102
89.0
0.105
97.5
0.772
–16.9
1700.00
0.684
113.5
0.113
89.6
0.116
95.4
0.773
–18.9
1800.00
0.686
110.6
0.123
90.6
0.127
96.2
0.765
–19.5
1900.00
0.692
108.2
0.132
89.2
0.136
94.0
0.744
–21.2
2000.00
0.706
105.7
0.144
87.6
0.148
91.6
0.731
–22.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com