Electronic Components Datasheet Search
  English  ▼

X  

2SC4183 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4183
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4183 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4183 Datasheet HTML 1Page - Renesas Technology Corp 2SC4183 Datasheet HTML 2Page - Renesas Technology Corp 2SC4183 Datasheet HTML 3Page - Renesas Technology Corp 2SC4183 Datasheet HTML 4Page - Renesas Technology Corp 2SC4183 Datasheet HTML 5Page - Renesas Technology Corp 2SC4183 Datasheet HTML 6Page - Renesas Technology Corp 2SC4183 Datasheet HTML 7Page - Renesas Technology Corp 2SC4183 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC4183
2
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
Free Air
200
150
100
50
0
50
100
150
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VBE - Base to Emitter Voltage - V
1.0
0.9
0.8
0.7
0.6
0.5
10.0
2.0
5.0
1.0
0.2
0.5
0.1
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
20
18
16
14
12
10
8
6
4
2
0
VCE - Collector to Emitter Voltage - V
5
10
25
15
20
GAIN BANDWIDTH PRODUCT vs.
EMITTER CURRENT
2000
IE - Emitter Current - mA
–0.1
PT = 150 mW
160 A
140 A
120 A
100 A
80 A
60 A
40 A
IC = –20 A
1000
200
500
100
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
DC CURRENTGAIN vs
COLLECTOR CURRENT
200
IC - Collector Current - mA
100
20
50
10
–0.2
–1.0
–0.5
–2.0
–5.0
–20
–10
VCE = 10 V
f = 100 MHz
VCE = 10 V
0.1 0.2
1.0
0.5
2.0
5.0
20.0
10.0
2.0
VCB - Collector to Base Voltage - V
1.0
0.2
0.5
0.1
f = 1 MHz
0.1 0.2
1.0
0.5
2.0
5.0
20
10
50
µ
µ
µ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com