Electronic Components Datasheet Search
  English  ▼

X  

LP38856 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38856 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP38856 Datasheet HTML 1Page - National Semiconductor (TI) LP38856 Datasheet HTML 2Page - National Semiconductor (TI) LP38856 Datasheet HTML 3Page - National Semiconductor (TI) LP38856 Datasheet HTML 4Page - National Semiconductor (TI) LP38856 Datasheet HTML 5Page - National Semiconductor (TI) LP38856 Datasheet HTML 6Page - National Semiconductor (TI) LP38856 Datasheet HTML 7Page - National Semiconductor (TI) LP38856 Datasheet HTML 8Page - National Semiconductor (TI) LP38856 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP38856
3A Fast-Response High-Accuracy LDO Linear Regulator
with Enable
General Description
The LP38856 is a high-current, fast-response regulator
which can maintain output voltage regulation with an ex-
tremely low input to output voltage drop. Fabricated on a
CMOS process, the device operates from two input voltages:
V
BIAS provides power for the internal bias and control cir-
cuits, as well as drive for the gate of the N-MOS power
transistor, while V
IN supplies power to the load. The use of
an external bias rail allows the part to operate from ultra low
V
IN voltages. Unlike bipolar regulators, the CMOS architec-
ture consumes extremely low quiescent current at any out-
put load current. The use of an N-MOS power transistor
results in wide bandwidth, yet minimum external capacitance
is required to maintain loop stability.
The fast transient response of this device makes it suitable
for use in powering DSP, Microcontroller Core voltages and
Switch Mode Power Supply post regulators. The LP38856 is
available in TO-220 and TO-263 5-Lead packages.
Dropout Voltage: 240 mV (typical) at 3A load current.
Low Ground Pin Current: 14 mA (typical) at 3A load cur-
rent.
Shutdown Current: 1 µA (typical) I
IN(GND) when EN pin is
low.
Precision Output Voltage: ±1.0% for T
J = 25˚C and ±2.0%
for 0˚C
≤ T
J
≤ +125˚C, across all line and load conditions
Features
n
Standard V
OUT values of 0.8V and 1.2V
n
Stable with 10 µF ceramic capacitors
n
Dropout voltage of 240 mV (typical) at 3A load current
n
Precision Output Voltage across all line and load
conditions:
— ±1.0% for T
J = 25˚C
— ±2.0% for 0˚C
≤ T
J
≤ +125˚C
— ±3.0% for -40˚C
≤ T
J
≤ +125˚C
n
Over-Temperature and Over-Current protection
n
Available in 5 lead TO-220 and TO-263 packages
n
Custom V
OUT values between 0.8V and 1.2V are
available
n
-40˚C to +125˚C Operating Temperature Range
Applications
n
ASIC Power Supplies In:
- Desktops, Notebooks, and Graphics Cards, Servers
- Gaming Set Top Boxes, Printers and Copiers
n
Server Core and I/O Supplies
n
DSP and FPGA Power Supplies
n
SMPS Post-Regulator
Typical Application Circuit
20131101
June 2006
© 2006 National Semiconductor Corporation
DS201311
www.national.com


Similar Part No. - LP38856

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38856 TI1-LP38856 Datasheet
2Mb / 20P
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38856 TI-LP38856 Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
LP38856S-0.8/NOPB TI-LP38856S-0.8/NOPB Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
LP38856S-1.2/NOPB TI-LP38856S-1.2/NOPB Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
LP38856SX-1.2/NOPB TI-LP38856SX-1.2/NOPB Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
More results

Similar Description - LP38856

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38859 NSC-LP38859 Datasheet
851Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38853 TI-LP38853 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38859 TI1-LP38859_14 Datasheet
2Mb / 21P
3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
LP38859 TI-LP38859_15 Datasheet
2Mb / 25P
3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com