Electronic Components Datasheet Search
  English  ▼

X  

LP38856 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38856 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP38856 Datasheet HTML 6Page - National Semiconductor (TI) LP38856 Datasheet HTML 7Page - National Semiconductor (TI) LP38856 Datasheet HTML 8Page - National Semiconductor (TI) LP38856 Datasheet HTML 9Page - National Semiconductor (TI) LP38856 Datasheet HTML 10Page - National Semiconductor (TI) LP38856 Datasheet HTML 11Page - National Semiconductor (TI) LP38856 Datasheet HTML 12Page - National Semiconductor (TI) LP38856 Datasheet HTML 13Page - National Semiconductor (TI) LP38856 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Information
EXTERNAL CAPACITORS
To assure regulator stability, capacitors are required on the
input, output and bias pins as shown in the Typical Applica-
tion Circuit.
Output Capacitor
A minimum output capacitance of 10 µF, ceramic, is required
for stability. The amount of output capacitance can be in-
creased without limit. The output capacitor must be located
less than 1 cm from the output pin of the IC and returned to
the device ground pin with a clean analog ground.
Only high quality ceramic types such as X5R or X7R should
be used, as the Z5U and Y5F types do not provide sufficient
capacitance over temperature.
Tantalum capacitors will also provide stable operation across
the entire operating temperature range. However, the effects
of ESR may provide variations in the output voltage during
fast load transients. Using the minimum recommended 10
µF ceramic capacitor at the output will allow unlimited ca-
pacitance, Tantalum and/or Aluminum, to be added in paral-
lel.
Input Capacitor
The input capacitor must be at least 10 µF, but can be
increased without limit. It’s purpose is to provide a low
source impedance for the regulator input. A ceramic capaci-
tor, X5R or X7R, is recommended.
Tantalum capacitors may also be used at the input pin. There
is no specific ESR limitation on the input capacitor (the lower,
the better).
Aluminum electrolytic capacitors can be used, but are not
recommended as their ESR increases very quickly at cold
temperatures. They are not recommended for any applica-
tion where the ambient temperature falls below 0˚C.
Bias Capacitor
The capacitor on the bias pin must be at least 1 µF. It can be
any good quality capacitor (ceramic is recommended).
INPUT VOLTAGE
The input voltage (V
IN) is the high current external voltage
rail that will be regulated down to a lower voltage, which is
applied to the load. The input voltage must be at least V
OUT
+V
DO, and no higher than whatever value is used for VBIAS.
BIAS VOLTAGE
The bias voltage (V
BIAS) is a low current external voltage rail
required to bias the control circuitry and provide gate drive
for the N-FET pass transistor. The bias voltage must be in
the range of 3.0V to 5.5V to ensure proper operation of the
device.
UNDER VOLTAGE LOCKOUT
The bias voltage is monitored by a circuit which prevents the
device from functioning when the bias voltage is below the
Under-Voltage Lock-Out (UVLO) threshold of approximately
2.45V.
As the bias voltage rises above the UVLO threshold the
device control circuitry become active. There is approxi-
mately 150 mV of hysteresis built into the UVLO threshold to
provide noise immunity.
When the bias voltage is between the UVLO threshold and
the Minimum Operating Rating value of 3.0V the device will
be functional, but the operating parameters will not be within
the guaranteed limits.
SUPPLY SEQUENCING
There is no requirement for the order that V
IN or VBIAS are
applied or removed. However, the output voltage cannot be
guaranteed until both V
IN and VBIAS are within the range of
guaranteed operating values.
If used in a dual-supply system where the regulator load is
returned to a negative supply, the output pin must be diode
clamped to ground. A Schottky diode is recommend for this
diode clamp.
REVERSE VOLTAGE
A reverse voltage condition will exist when the voltage at the
output pin is higher than the voltage at the input pin. Typically
this will happen when V
IN is abruptly taken low and COUT
continues to hold a sufficient charge such that the input to
output voltage becomes reversed.
The NMOS pass element, by design, contains no body
diode. This means that, as long as the gate of the pass
element is not driven, there will not be any reverse current
flow through the pass element during a reverse voltage
event. The gate of the pass element is not driven when V
BIAS
is below the UVLO threshold.
When V
BIAS is above the UVLO threshold the control cir-
cuitry is active and will attempt to regulate the output voltage.
Since the input voltage is less than the output voltage the
control circuit will drive the gate of the pass element to the
full V
BIAS potential when the output voltage begins to fall. In
this condition, reverse current will flow from the output pin to
the input pin, limited only by the R
DS(ON) of the pass element
and the output to input voltage differential. This condition is
outside the guaranteed operating range and should be
avoided.
ENABLE OPERATION
The Enable pin (EN) provides a mechanism to enable, or
disable, the regulator output stage. The Enable pin has an
internal pull-up, through a typical 200 k
Ω resistor, to V
BIAS.
If the Enable pin is actively driven, pulling the Enable pin
above the V
EN threshold of 1.25V (typical) will turn the
regulator output on, while pulling the Enable pin below the
V
EN threshold will turn the regulator output off. There is
approximately 100 mV of hysteresis built into the Enable
threshold provide noise immunity.
If the Enable function is not needed this pin should be left
open, or connected directly to V
BIAS. If the Enable pin is left
open, stray capacitance on this pin must be minimized,
otherwise the output turn-on will be delayed while the stray
capacitance is charged through the internal resistance (r
EN).
POWER DISSIPATION AND HEAT-SINKING
A heat-sink may be required depending on the maximum
power dissipation and maximum ambient temperature of the
application. Under all possible conditions, the junction tem-
perature must be within the range specified under operating
conditions.
The total power dissipation of the device is the sum of three
different points of dissipation in the device.
The first part is the power that is dissipated in the NMOS
pass element, and can be determined with the formula:
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com