Electronic Components Datasheet Search
  English  ▼

X  

LP38856 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38856 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP38856 Datasheet HTML 6Page - National Semiconductor (TI) LP38856 Datasheet HTML 7Page - National Semiconductor (TI) LP38856 Datasheet HTML 8Page - National Semiconductor (TI) LP38856 Datasheet HTML 9Page - National Semiconductor (TI) LP38856 Datasheet HTML 10Page - National Semiconductor (TI) LP38856 Datasheet HTML 11Page - National Semiconductor (TI) LP38856 Datasheet HTML 12Page - National Semiconductor (TI) LP38856 Datasheet HTML 13Page - National Semiconductor (TI) LP38856 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Information (Continued)
P
D(PASS) =(VIN -VOUT)xIOUT
(1)
The second part is the power that is dissipated in the bias
and control circuitry, and can be determined with the for-
mula:
P
D(BIAS) =VBIAS xIGND(BIAS)
(2)
where I
GND(BIAS) is the portion of the operating ground cur-
rent of the device that is related to V
BIAS.
The third part is the power that is dissipated in portions of the
output stage circuitry, and can be determined with the for-
mula:
P
D(IN) =VIN xIGND(IN)
(3)
where I
GND(IN) is the portion of the operating ground current
of the device that is related to V
IN.
The total power dissipation is then:
P
D =PD(PASS) +PD(BIAS) +PD(IN)
(4)
The maximum allowable junction temperature rise (
∆T
J) de-
pends on the maximum anticipated ambient temperature
(T
A(MAX)) for the application, and the maximum allowable
operating junction temperature (T
J(MAX)):
(5)
The maximum allowable value for junction to ambient Ther-
mal Resistance,
θ
JA, can be calculated using the formula:
(6)
The LP38856 is available in TO-220 and TO-263 packages.
The thermal resistance in the application depends on
amount of copper area or heat-sink, and on air flow. If the
maximum allowable value of
θ
JA calculated above is
≥ 60
˚C/W for TO-220 package and
≥ 60 ˚C/W for TO-263 pack-
age no heat-sink is needed since the package alone can
dissipate enough heat to satisfy these requirements. If the
value needed for allowable
θ
JA falls below these limits, a
heat-sink is required.
Heat-Sinking The TO-220 Package
The TO-220 package has a
θ
JA rating of 60˚C/W, and a
θ
JC
rating of 3˚C/W. These ratings are for the package only, no
additional heat-sinking, and with no airflow.
The thermal resistance of a TO-220 package can be reduced
by attaching it to a heat-sink or a copper plane on a PC
board. If a copper plane is to be used, the values of
θ
JA will
be same as shown in next section for TO-263 package.
The heat-sink to be used in the application should have a
heat-sink to ambient thermal resistance,
θ
HA:
(7)
where
θ
JA is the required total thermal resistance from the
junction to the ambient air,
θ
CH is the thermal resistance from
the case to the surface of the heat sink, and
θ
JC is the
thermal resistance from the junction to the surface of the
case.
For this equation,
θ
JC is about 3˚C/W for a TO-220 package.
The value for
θ
CH depends on method of attachment, insu-
lator, etc.
θ
CH varies between 1.5˚C/W to 2.5˚C/W. Consult
the heat-sink manufacturer datasheet for details and recom-
mendations.
Heat-Sinking The TO-263 Package
The TO-263 package has a
θ
JA rating of 60˚C/W, and a
θ
JC
rating of 3˚C/W. These ratings are for the package only, no
additional heat-sinking, and with no airflow.
The TO-263 package uses the copper plane on the PCB as
a heat-sink. The tab of this package is soldered to the copper
plane for heat-sinking. The graph below shows a curve for
the
θ
JA of TO-263 package for different copper area sizes,
using a typical PCB with 1 ounce copper and no solder mask
over the copper area for heat-sinking.
As shown in Figure 1, increasing the copper area beyond 1
square inch produces very little improvement. The minimum
value for
θ
JA for the TO-263 package mounted to a PCB is
32˚C/W.
Figure 2 shows the maximum allowable power dissipation
for TO-263 packages for different ambient temperatures,
assuming
θ
JA is 35˚C/W and the maximum junction tempera-
ture is 125˚C.
20131125
FIGURE 1.
θ
JA vs Copper (1 Ounce) Area for the
TO-263 package
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com