Electronic Components Datasheet Search
  English  ▼

X  

2SJ448 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SJ448
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ448 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SJ448 Datasheet HTML 1Page - Renesas Technology Corp 2SJ448 Datasheet HTML 2Page - Renesas Technology Corp 2SJ448 Datasheet HTML 3Page - Renesas Technology Corp 2SJ448 Datasheet HTML 4Page - Renesas Technology Corp 2SJ448 Datasheet HTML 5Page - Renesas Technology Corp 2SJ448 Datasheet HTML 6Page - Renesas Technology Corp 2SJ448 Datasheet HTML 7Page - Renesas Technology Corp 2SJ448 Datasheet HTML 8Page - Renesas Technology Corp 2SJ448 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©
1995
MOS FIELD EFFECT TRANSISTOR
2SJ448
SWITCHING
P-CHANNEL POWER MOS FET
DATA SHEET
Document No.
D10029EJ2V0DS00 (2nd edition)
Date Published
July 2001 NS CP(K)
Printed in Japan
The mark 5 shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The 2SJ448 is P-channel MOS Field Effect Transistor designed
for high voltage switching applications.
FEATURES
• 250 V rating high withstand voltage
• Low on-state resistance:
RDS(on) = 2.0
Ω MAX. (VGS = –10 V, ID = –2.0 A)
• Low input capacitance:
Ciss = 470 pF TYP.
• Narrow gate cut-off voltage width:
VGS(off) =
−5.5 to −4.0 V
• Built-in gate protection diode
• Full-mold package for easy mounting
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
–250
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m 30
V
Drain Current (DC) (TC = 25°C)
ID(DC)
m 4.0
A
Drain Current (pulse)
Note1
ID(pulse)
m 16
A
Total Power Dissipation (TC = 25°C)
PT1
30
W
Total Power Dissipation (TA = 25°C)
PT2
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
–4.0
A
Single Avalanche Energy
Note2
EAS
80
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1%
2. Starting Tch = 25°C, VDD = –125 V, RG = 25
Ω, VGS = –20 ¡ 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SJ448
Isolated TO-220
5
(Isolated TO-220)
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com