Electronic Components Datasheet Search
  English  ▼

X  

2SJ448 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SJ448
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ448 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SJ448 Datasheet HTML 1Page - Renesas Technology Corp 2SJ448 Datasheet HTML 2Page - Renesas Technology Corp 2SJ448 Datasheet HTML 3Page - Renesas Technology Corp 2SJ448 Datasheet HTML 4Page - Renesas Technology Corp 2SJ448 Datasheet HTML 5Page - Renesas Technology Corp 2SJ448 Datasheet HTML 6Page - Renesas Technology Corp 2SJ448 Datasheet HTML 7Page - Renesas Technology Corp 2SJ448 Datasheet HTML 8Page - Renesas Technology Corp 2SJ448 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet D10029EJ2V0DS
2
2SJ448
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristics
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Zero Gate Voltage Drain Current
IDSS
VDS = –250 V, VGS = 0 V
–100
µA
Gate Leakage Current
IGSS
VGS =
m 25 V, VDS = 0 V
m 10
µA
Gate Cut-off Voltage
VGS(off)
VDS = –10 V, ID = –1 mA
–4.0
–4.8
–5.5
V
Forward Transfer Admittance
| yfs |VDS = –10 V, ID = –2.0 A1.0
2.3
S
Drain to Source On-state Resistance
RDS(on)
VGS = –10 V, ID = –2.0 A1.5
2.0
Ω
Input Capacitance
Ciss
VDS = –10 V
470
pF
Output Capacitance
Coss
VGS = 0 V
200
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
70
pF
Turn-on Delay Time
td(on)
VDD = –125 V, ID = –2.0 A
13
ns
Rise Time
tr
VGS = –10 V7
ns
Turn-off Delay Time
td(off)
RG = 10
Ω
34
ns
Fall Time
tf
10
ns
Total Gate Charge
QG
VDD= –200 V15
nC
Gate to Source Charge
QGS
VGS = –10 V4
nC
Gate to Drain Charge
QGD
ID = –4.0 A9
nC
Body Diode Forward Voltage
VF(S-D)
IF = 4.0 A, VGS = 0 V1.0
V
Reverse Recovery Time
trr
IF = 4.0 A, VGS = 0 V
195
ns
Reverse Recovery Charge
Qrr
di/dt = 50 A /
µs
760
nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
TEST CIRCUIT 2 SWITCHING TIME
RG = 25
Ω
50
Ω
L
VDD
VGS = –20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
RG = 10
Ω
D.U.T.
PG.
PG.
0
τ
RL
VDD
VGS
ID(
−)
0
0
10%
10%
90%
90%
10%
90%
ID
VGS
td (off)
td (on)
ton
toff
tf
tr
TEST CIRCUIT 3 GATE CHARGE
D.U.T.
RL
VDD
50
Ω
IG = –2 mA
PG.
VDD
VGS(
−)
RG
D.U.T.
VGS
Wave
Form
ID
Wave
Form
τ = 1 µs
Duty Cycle
≤ 1%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com