Electronic Components Datasheet Search
  English  ▼

X  

2SJ448 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SJ448
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ448 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SJ448 Datasheet HTML 1Page - Renesas Technology Corp 2SJ448 Datasheet HTML 2Page - Renesas Technology Corp 2SJ448 Datasheet HTML 3Page - Renesas Technology Corp 2SJ448 Datasheet HTML 4Page - Renesas Technology Corp 2SJ448 Datasheet HTML 5Page - Renesas Technology Corp 2SJ448 Datasheet HTML 6Page - Renesas Technology Corp 2SJ448 Datasheet HTML 7Page - Renesas Technology Corp 2SJ448 Datasheet HTML 8Page - Renesas Technology Corp 2SJ448 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet D10029EJ2V0DS
3
2SJ448
TYPICAL CHARACTERISTICS (TA = 25°C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
–0.1
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature - ˚C
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature - ˚C
0
20
40
60
80
100
120
140
160
35
30
25
20
15
10
5
0
–10
–15
–20
–15
–1.0
–10
–100
Pulsed
–10
–5
0
Pulsed
–5
–10
TA = –25˚C
25˚C
75˚C
125˚C
–5
VDS = –10 V
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
–0.1
–1
–1.0
–10
–100
–10
–100
–1000
R
DS(on)
Limited
ID(pulse)
PW
=
100
s
10
ms
1 ms
Power
dissipation
Limitted
0
20
40
60
80
100
120
140
160
20
40
60
80
100
DC
ID(DC)
TC = 25˚C
Single Pulse
VGS= –20 V
–10 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com