Electronic Components Datasheet Search
  English  ▼

X  

2SJ448 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SJ448
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ448 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SJ448 Datasheet HTML 2Page - Renesas Technology Corp 2SJ448 Datasheet HTML 3Page - Renesas Technology Corp 2SJ448 Datasheet HTML 4Page - Renesas Technology Corp 2SJ448 Datasheet HTML 5Page - Renesas Technology Corp 2SJ448 Datasheet HTML 6Page - Renesas Technology Corp 2SJ448 Datasheet HTML 7Page - Renesas Technology Corp 2SJ448 Datasheet HTML 8Page - Renesas Technology Corp 2SJ448 Datasheet HTML 9Page - Renesas Technology Corp 2SJ448 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D10029EJ2V0DS
4
2SJ448
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
–5
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
ID - Drain Current - A
2.0
–0.1
VDS = –10 V
Pulsed
–1.0
1.0
10
100
–10
–100
1.0
3.0
–10
–15
Pulsed
4.0
–1.0
–10
Pulsed
0
6.0
–2.0
VDS = –10 V
ID = –1 mA
–4.0
–6.0
–8.0
–50
0
50
100
150
0
0.1
2.0
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
10
0.001
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
10
100
Single Pulse
Rth(ch-C) = 4.17˚C/W
–0.1
VGS = –10 V
µµ
Rth(ch-A) = 62.5˚C/W
TA = –25˚C
25˚C
75˚C
125˚C
ID = –4.0 A
–2.0 A
–0.8 A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com