Electronic Components Datasheet Search
  English  ▼

X  

9DB202 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 9DB202
Description  PCI Express Jitter Attenuator 9DB202
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB202 Datasheet(HTML) 3 Page - Renesas Technology Corp

  9DB202 Datasheet HTML 1Page - Renesas Technology Corp 9DB202 Datasheet HTML 2Page - Renesas Technology Corp 9DB202 Datasheet HTML 3Page - Renesas Technology Corp 9DB202 Datasheet HTML 4Page - Renesas Technology Corp 9DB202 Datasheet HTML 5Page - Renesas Technology Corp 9DB202 Datasheet HTML 6Page - Renesas Technology Corp 9DB202 Datasheet HTML 7Page - Renesas Technology Corp 9DB202 Datasheet HTML 8Page - Renesas Technology Corp 9DB202 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
9DB202 Data Sheet
©2016 Integrated Device Technology, Inc
Revision B March 11, 2016
3
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
DD
= V
DDA
= 3.3V±5%, TA = 0°C TO 70°C, RREF = 475
Ω
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
CLK, nCLK
V
DD
= V
IN
= 3.465V
150
µA
I
IL
Input Low Current
CLK, nCLK
V
DD
= 3.465V, V
IN
= 0V
150
µA
V
PP
Peak-to-Peak Input Voltage
0.15
1.3
V
V
CMR
Common Mode Input Voltage; NOTE 1, 2
GND + 0.5
V
DD
- 0.85
V
NOTE 1: Common mode voltage is defined as V
IH
.
NOTE 2: For single ended applications, the maximum input voltage for CLK, nCLK is V
DD
+ 0.3V.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD
= V
DDA
= 3.3V±5%, TA = 0°C TO 70°C, RREF = 475
Ω
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD
= V
DDA
= 3.3V±5%, TA = 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Core Supply Voltage
3.135
3.3
3.465
V
V
DDA
Analog Supply Voltage
3.135
3.3
3.465
V
I
DD
Power Supply Current
112
mA
I
DDA
Analog Supply Current
22
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
DD
+ 0.3
mV
V
IL
Input Low Voltage
-0.3
0.8
mV
I
IH
Input High Current
BYPASS,
nOE0, nOE1, FS1
V
DD
= V
IN
= 3.465V
150
µA
FS0, PLL_BW
5
I
IL
Input Low Current
BYPASS,
nOE0, nOE1, FS1
V
DD
= 3.465V, V
IN
= 0V
-5
µA
FS0, PLL_BW
-150
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD
+ 0.5 V
Outputs, V
O
-0.5V to V
DD
+ 0.5V
Package Thermal Impedance,
θ
JA
20 Lead TSSOP
73.2°C/W (0 lfpm)
20 Lead SSOP
80.8°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com