Electronic Components Datasheet Search
  English  ▼

X  

9DB202 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9DB202
Description  PCI Express Jitter Attenuator 9DB202
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB202 Datasheet(HTML) 1 Page - Renesas Technology Corp

  9DB202 Datasheet HTML 1Page - Renesas Technology Corp 9DB202 Datasheet HTML 2Page - Renesas Technology Corp 9DB202 Datasheet HTML 3Page - Renesas Technology Corp 9DB202 Datasheet HTML 4Page - Renesas Technology Corp 9DB202 Datasheet HTML 5Page - Renesas Technology Corp 9DB202 Datasheet HTML 6Page - Renesas Technology Corp 9DB202 Datasheet HTML 7Page - Renesas Technology Corp 9DB202 Datasheet HTML 8Page - Renesas Technology Corp 9DB202 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PCI Express Jitter Attenuator
9DB202
Data Sheet
©2016 Integrated Device Technology, Inc
Revision B March 11, 2016
1
GENERAL DESCRIPTION
The 9DB202 is a high perfromance 1-to-2 Differential-to-HCSL
Jitter Attenuator designed for use in PCI Express™ systems. In
some PCI Express™ systems, such as those found in desktop PCs,
the PCI Express™ clocks are generated from a low bandwidth,
high phase noise PLL frequency synthesizer. In these systems, a
jitter-attenuating device may be necessary in order to reduce high
frequency random and deterministic jitter components from the PLL
synthesizer and from the system board. The 9DB202 has two PLL
bandwidth modes. In low bandwidth mode, the PLL loop bandwidth
is 500kHz. This setting offers the best jitter attenuation and is still
high enough to pass a triangular input spread spectrum profile. In
high bandwidth mode, the PLL bandwidth is at 1MHz and allows
the PLL to pass more spread spectrum modulation.
For serdes which have x10 reference multipliers instead of x12.5
multipliers, each of the two PCI Express™ outputs (PCIEX0:1) can
be set for 125MHz instead of 100MHz by configuring the appropriate
frequency select pins (FS0:1).
FEATURES
• Two 0.7V current mode differential HCSL output pairs
• One differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 140MHz
• Input frequency range: 90MHz - 140MHz
• VCO range: 450MHz - 700MHz
• Output skew: 110ps (maximum)
• Cycle-to-cycle jitter: 110ps (maximum)
• RMS phase jitter @ 100MHz, (1.5MHz - 22MHz):
2.42ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free RoHS compliant package
• Industrial temperature information available upon request
• For functional replacement use 8714004
PIN ASSIGNMENT
nOE0
nCLK
CLK
BYPASS
nOE1
PCIEXT0
nPCIEXC0
PCIEXT1
nPCIEXC1
BLOCK DIAGRAM
9DB202
20-Lead TSSOP
6.50mm x 4.40mm x 0.92
package body
G Package
Top View
9DB202
20-Lead, 209-MIL SSOP
5.30mm x 7.20mm x 1.75mm
body package
F Package
Top View
Phase
Detector
VCO
Loop
Filter
1 HiZ
0 Enabled
1 HiZ
0 Enabled
0 ÷4
1 ÷5
0 ÷5
1 ÷4
FS0
FS1
Internal Feedback
÷5
Current
Set
-
+
0
1
0
1
IREF
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEP
TEMBER 7, 2016


Similar Part No. - 9DB202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB202-01 RENESAS-9DB202-01 Datasheet
412Kb / 18P
PCI Express Jitter Attenuator 9DB202-01
March 11, 2016
More results

Similar Description - 9DB202

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 21, 2005
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
PCI Express, Jitter Attenuator
REV. A APRIL 7, 2005
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
PCI EXPRESS??Jitter Attenuator
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
PCI Express??Jitter Attenuator
logo
Renesas Technology Corp
9DB202-01 RENESAS-9DB202-01 Datasheet
412Kb / 18P
PCI Express Jitter Attenuator 9DB202-01
March 11, 2016
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
PCI Express Jitter Attenuator
March 11, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com