Electronic Components Datasheet Search
  English  ▼

X  

9DB202 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9DB202
Description  PCI Express Jitter Attenuator 9DB202
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB202 Datasheet(HTML) 4 Page - Renesas Technology Corp

  9DB202 Datasheet HTML 1Page - Renesas Technology Corp 9DB202 Datasheet HTML 2Page - Renesas Technology Corp 9DB202 Datasheet HTML 3Page - Renesas Technology Corp 9DB202 Datasheet HTML 4Page - Renesas Technology Corp 9DB202 Datasheet HTML 5Page - Renesas Technology Corp 9DB202 Datasheet HTML 6Page - Renesas Technology Corp 9DB202 Datasheet HTML 7Page - Renesas Technology Corp 9DB202 Datasheet HTML 8Page - Renesas Technology Corp 9DB202 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
9DB202 Data Sheet
©2016 Integrated Device Technology, Inc
Revision B March 11, 2016
4
TABLE 5. AC CHARACTERISTICS, V
DD
= V
DDA
= 3.3V±5%, TA = 0°C TO 70°C, RREF = 475
Ω
TABLE 4D. HCSL DC CHARACTERISTICS, V
DD
= V
DDA
= 3.3V±5%, TA = 0°C TO 70°C, RREF = 475
Ω
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
OH
Output Current
12
14
16
mA
V
OH
Output High Voltage
610
780
mV
V
OL
Output Low Voltage
65
mV
I
OZ
High Impedance Leakage Current
-10
10
µA
V
OX
Output Crossover Voltage
250
550
mV
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
140
MHz
tsk(o)
Output Skew; NOTE 1, 2
50
110
ps
tjit(cc)
Cycle-to-Cycle Jitter
Outputs @ Different Frequencies
110
ps
Outputs @ Same Frequencies
50
ps
tjit(Ø)
RMS Phase Jitter (Ran-
dom); NOTE 3
Integration Range: 1.5MHz - 22MHz
2.42
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80%
300
1100
ps
odc
Output Duty Cycle
48
52
%
NOTE 1: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential cross points.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Please refer to the Phase Noise Plot following this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com