Electronic Components Datasheet Search
  English  ▼

X  

9DB202 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 9DB202
Description  PCI Express Jitter Attenuator 9DB202
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB202 Datasheet(HTML) 2 Page - Renesas Technology Corp

  9DB202 Datasheet HTML 1Page - Renesas Technology Corp 9DB202 Datasheet HTML 2Page - Renesas Technology Corp 9DB202 Datasheet HTML 3Page - Renesas Technology Corp 9DB202 Datasheet HTML 4Page - Renesas Technology Corp 9DB202 Datasheet HTML 5Page - Renesas Technology Corp 9DB202 Datasheet HTML 6Page - Renesas Technology Corp 9DB202 Datasheet HTML 7Page - Renesas Technology Corp 9DB202 Datasheet HTML 8Page - Renesas Technology Corp 9DB202 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
9DB202 Data Sheet
©2016 Integrated Device Technology, Inc
Revision B March 11, 2016
2
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. RATIO OF OUTPUT FREQUENCY TO
INPUT FREQUENCY FUNCTION TABLE, FS0
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
Inputs
Outputs
FS0
PCIEX0
0
5/4
11
TABLE 1. PIN DESCRIPTIONS
Number
Name
Type
Description
1
PLL_BW
Input
Pullup
Selects PLL Bandwidth input. LVCMOS/LVTTL interface levels.
2
CLK
Input
Pulldown Non-inverting differential clock input.
3
nCLK
Input
Pullup/
Pulldown
Inverting differential clock input. V
DD
/2 default when left floating.
4
FS0
Input
Pullup
Frequency select pin. LVCMOS/LVTTL interface levels.
5, 9, 12, 16
V
DD
Power
Core supply pins.
6, 15
GND
Power
Power supply ground.
7, 8
PCIEXT0,
PCIEXC0
Output
Differential output pairs. HCSL interface levels.
10, 11
nOE0, nOE1
Input
Pulldown
Output enable. When HIGH, forces outputs to HiZ state.
When LOW, enables outputs. LVCMOS/LVTTL interface levels.
13, 14
PCIEXC1,
PCIEXT1
Output
Differential output pairs. HCSL interface levels.
17
FS1
Input
Pulldown Frequency select pin. LVCMOS/LVTTL interface levels.
18
IREF
Input
A fixed precision resistor (475
Ω) from this pin to ground provides a refer-
ence current used for differential current-mode PCIEX clock outputs.
19
BYPASS
Power
Pulldown
BYPASS pin. When HIGH. bypass mode, when LOW, PLL mode.
LVCMOS/LVTTL interface levels.
20
V
DDA
Power
Analog supply pin. Requires 24
Ω series resistor.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 3B. RATIO OF OUTPUT FREQUENCY TO
INPUT FREQUENCY FUNCTION TABLE, FS1
Inputs
Outputs
FS1
PCIEX1
01
1
5/4
TABLE 3D. OUTPUT ENABLE
FUNCTION TABLE, NOE0
Inputs
Outputs
nOE0
PCIEX0
0
Enabled
1
HiZ
TABLE 3E. OUTPUT ENABLE
FUNCTION TABLE, NOE1
Inputs
Outputs
nOE1
PCIEX1
0
Enabled
1
HiZ
TABLE 3F. PLL BANDWIDTH TABLE
Inputs
Bandwidth
PLL_BW
0
500kHz
1
1MHz
TABLE 3C. BYPASS TABLE
Inputs
Mode
BYPASS
0
PLL Mode
1
Bypass Mode
(output = inputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com