Electronic Components Datasheet Search
  English  ▼

X  

GRM21 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GRM21
Description  High Dielectric Constant Type 6.3/16/25/50V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM21 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GRM21 Datasheet HTML 1Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 2Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 3Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 4Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 5Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 6Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 7Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 8Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
No.
Item
Specifications
Test Method
Temperature
Compensating Type
See the previous pages
Within the specified dimensions
No defects or abnormalities
C
V0.047µF : More than 10,000MΩ
C
G0.047µF : 500Ω • F
C : Nominal Capacitance
30pF and over : Q
U1000
30pF and below :
Q
U400W20C
C : Nominal Capacitance (pF)
Within the specified tolerance
No defects or abnormalities
Y55 to W125D
Operating
Temperature
Range
Rated Voltage
Appearance
Dimensions
Dielectric Strength
Insulation
Resistance
Capacitance
Q/
Dissipation Factor
(D.F.)
1
2
3
4
5
6
7
8
Using calipers
The insulation resistance should be measured with a DC
voltage not exceeding the rated voltage at 20
D/25D and
75%RH max. and within 2 minutes of charging, provided the
charge/discharge current is less than 50mA.
The capacitance/D.F. should be measured at 20
D/25D at the
frequency and voltage shown in the table.
No failure should be observed when 300% of the rated voltage
(temperature compensating type) or 250% of the rated voltage
(high dielectric constant type) is applied between the
terminations for 1 to 5 seconds, provided the charge/discharge
current is less than 50mA.
Visual inspection
The rated voltage is defined as the maximum voltage which
may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
Reference Temperature : 25
D
(2
∆, 3∆, 4∆, B1, B3, F1, R1 : 20D)
High Dielectric Type
B1, B3, F1 :
Y25D to W85D
R1, R7 :
Y55D to W125D
E4 :
W10D to W85D
F5 :
Y30D to W85D
[B1, B3, R1, R6, R7, E4]
W.V. : 25Vmin. : 0.025max.
W.V. : 16/10V : 0.035max.
W.V. : 6.3V/4V
: 0.05max. (C
F3.3µF)
: 0.1max. (C
U3.3µF)
[F1, F5]
W.V. : 25Vmin.
: 0.05max. (C
F0.1µF)
: 0.09max. (C
U0.1µF)
W.V. : 16V/10V : 0.125max.
W.V. : 6.3V : 0.15max.
Item
∆C to ∆U, 1X
(1000pF and
below)
∆C to ∆U, 1X
(more than
1000pF)
R6, R7, F5
B1, B3, F1
E4
1
T0.1MHz
0.5 to 5Vrms
Frequency
Voltage
1
T0.1kHz
1
T0.2Vrms
Char.
1
T0.1kHz
0.5
T0.05Vrms
Continued on the following page.
s Specifications and Test Methods
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification.
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com