Electronic Components Datasheet Search
  English  ▼

X  

GRM21 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GRM21
Description  High Dielectric Constant Type 6.3/16/25/50V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM21 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GRM21 Datasheet HTML 5Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 6Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 7Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 8Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 9Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 10Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 11Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 12Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
No.
Item
Specifications
Test Method
Deflection
12
Solder the capacitor on the test jig (glass epoxy board) shown
in Fig. 2a using an eutectic solder. Then apply a force in the
direction shown in Fig. 3a for 5
W/Y1 sec. The soldering should
be done either with an iron or using the reflow method and
should be conducted with care so that the soldering is uniform
and free of defects such as heat shock.
b
a
c
100
ø4.5
Capacitance meter
Flexure :
V1
20
50
R230
Pressunzing
speed : 1.0mm/sec.
Pressunze
45
45
Fig.3a
No cracking or marking defects should occur
Type
a
b
c
GRp03
GRp15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
t : 1.6mm
Fig. 2a
Continued from the preceding page.
(in mm)
75% of the terminations is to be soldered evenly and
continuously
Solderability of
Termination
13
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight propotion) .
Preheat at 80 to 120
D for 10 to 30 seconds.
After preheating, immerse in an eutectic solder solution for
2
W/Y0.5 seconds at 230W/Y5D.
B1, B3, R6, C7, C8 : 0.1 max.
F1, F5 : 0.2 max.
No defects or abnormalities
Within the specified tolerance
Vibration
11
Solder the capacitor on the test jig (glass epoxy board) in the
same manner and under the same conditions as (10).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should
be traversed in approximately 1 minute. This motion should be
applied for a period of 2 hours in each 3 mutually perpendicular
directions (total of 6 hours).
Appearance
Capacitance
D.F.
(GRp03, GRp15 : t : 0.8mm)
No removal of the terminations or other defects should occur
Fig. 1a
10
Solder the capacitor on the test jig (glass epoxy board) shown
in Fig. 1a using an eutectic solder. Then apply 10N* force in
parallel with the test jig for 10
W/Y1sec.
The soldering should be done either with an iron or using the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
*5N : GRp15/GRM18, 2N : GRp33
c
Baked electrode or
copper foil
Solder resist
Type
a
b
c
GRp03
GRp15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
Adhesive Strength
of Termination
Continued on the following page.
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification.
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com