Electronic Components Datasheet Search
  English  ▼

X  

GRM21 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GRM21
Description  High Dielectric Constant Type 6.3/16/25/50V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM21 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GRM21 Datasheet HTML 4Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 5Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 6Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 7Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 8Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 9Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 10Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 11Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
No.
Item
Specifications
Test Method
Temperature
Compensating Type
High Dielectric Type
18
High
Temperature
Load
The measured and observed characteristics should satisfy the
specifications in the following table
Apply 200% of the rated voltage at the maximum operating
temperature
T3D for 1000T12 hours.
Set for 24
T2 hours (temperature compensating type)
or 48
T4 hours (high dielectric constant type) at room
temperature, then measure.
The charge/discharge current is less than 50mA.
#Initial measurement for high dielectric constant type.
Apply 200% of the rated DC voltage at the maximun operating
temperature
T3D for one hour. Remove and set for 48T4
hours at room temperature.
Perform initial measurement.
Appearance
No defects or abnormalities
Capacitance
Change
Within
T3% or T0.3pF
(Whichever is larger)
B1, B3, R1, R6, R7
: Within
T12.5%
F1, F5, E4 : Within
T30%
[Exept 10Vmax. and.
C
U1.0µF]
F1, F5 : Within
W30/Y40%
[10Vmax. and. C
U1.0µF]
Q/D.F.
30pF and over : Q
U350
10pF and over
30pF and below :
Q
U275W2.5C
10pF and below :
Q
U200W10C
C : Nominal Capacitance (pF)
[B1, B3, R1, R6, R7, E4]
W.V. : 25Vmin. : 0.04max.
W.V. : 16/10V : 0.05max.
W.V. : 6.3V
: 0.075max.(C
F3.3µF)
: 0.125max.(C
U3.3µF)
[F1, F5]
W.V. : 25Vmin.
: 0.075max.(C
F0.1µF)
: 0.125max.(C
U0.1µF)
W.V. : 16V/10V : 0.15max.
W.V. : 6.3V : 0.2max.
I.R.
More than 1,000M
Ω or 50Ω#F (Whichever is smaller)
Continued from the preceding page.
17
Humidity
Load
The measured and observed characteristics should satisfy the
specifications in the following table
Apply the rated voltage at 40
T2D and 90 to 95% humidity for
500
T12 hours. Remove and set for 24T2 hours (temperature
compensating type) or 48
T4 hours (high dielectric constant
type) at room temprature, then muasure. The charge/discharge
current is less than 50mA.
#Initial measurement for F1, F5/10V max.
Apply the rated DC voltage for 1 hour at 40
T2D.
Remove and set for 48
T4 hours at room temperature.
Perform initial measurement.
Appearance
No defects or abnormalities
Capacitance
Change
Within
T7.5% or T0.75pF
(Whichever is larger)
B1, B3, R1, R6, R7
: Within
T12.5%
F1, F5, E4 : Within
T30%
[W.V. : 10Vmax.]
F1, F5 : Within
W30/Y40%
Q/D.F.
30pF and over : Q
U200
30pF and below :
Q
U100W10C/3
C : Nominal Capacitance (pF)
[B1, B3, R1, R6, R7, E4]
W.V. : 25Vmin. : 0.05max.
W.V. : 16/10V : 0.05max.
W.V. : 6.3V
: 0.075max. (C
F3.3µF)
: 0.125max. (C
U3.3µF)
[F1, F5]
W.V. : 25Vmin.
: 0.075max. (C
F0.1µF)
: 0.125max. (C
U0.1µF)
W.V. : 16V/10V : 0.15max.
W.V. : 6.3V : 0.2max.
I.R.
More than 500M
Ω or 25Ω • F (Whichever is smaller)
Continued on the following page.
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification.
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com