Electronic Components Datasheet Search
  English  ▼

X  

GRM21 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GRM21
Description  High Dielectric Constant Type 6.3/16/25/50V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM21 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GRM21 Datasheet HTML 5Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 6Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 7Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 8Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 9Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 10Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 11Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 12Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
No.
Item
Specifications
Test Method
See the previous pages
Within the specified dimensions
No defects or abnormalities
More than 50
Ω • F
B1, B3, R6, C7, C8 : 0.1 max.
F1, F5 : 0.2 max.
B1, B3 : Within
W/Y10% (Y25D to W85D)
F1
: Within
W30/Y80% (Y25D to W85D)
R6
: Within
W/Y15% (Y55D to W85D)
F5
: Within
W22/Y82% (Y30D to W85D)
C7
: Within
W/Y22% (Y55D to W125D)
C8
: Within
W/Y22% (Y55D to W105D)
B1: Within
W10/Y30%
F1: Within
W30/Y95%
Within the specified tolerance
No defects or abnormalities
B1, B3, F1 :
Y25D to W85D
R6 :
Y55D to W85D
F5 :
Y30D to W85D
C8 :
Y55D to W105D, C7 : -55D to W125D
Operating
Temperature
Range
Rated Voltage
Appearance
Dimensions
Dielectric Strength
Insulation
Resistance
Capacitance
Dissipation Factor
(D.F.)
Capacitance
Temperature
Characteristics
No bias
50% of
the Rated
Voltage
1
2
3
4
5
6
7
8
9
Using calipers
The insulation resistance should be measured with a DC voltage
not exceeding the rated voltage at Reference Temperature and
75%RH max. and within 1 minutes of charging, provided the
charge/discharge current is less than 50mA.
The capacitance should be measured at Reference
Temperature at the frequency and voltage shown in the table.
The D.F. should be measured at Reference Temperature at the
frequency and voltage shown in the table.
The capacitance change should be measured after 5min. at
each specified temp. stage.
The ranges of capacitance change compared with the
Reference Temperature value over the temperature ranges
shown in the table should be within the specified ranges.*
In case of applying voltage, the capacitance change should be
measured after 1 more min. with applying voltage in
equilibration of each temp. stage.
*GRM43 B1/R6 0J/1A 336/476 only : 1.0T0.2Vrms
No failure should be observed when 250% of the rated voltage
is applied between the terminations for 1 to 5 seconds,
provided the charge/discharge current is less than 50mA.
Visual inspection
The rated voltage is defined as the maximum voltage which
may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
Reference Temperature : 25
D
(B1, B3, F1 : 20
D)
Continued on the following page.
Capacitance
C
V10µF (10V min.)*1
C
V10µF (6.3V max.)
C
G10µF
1
T0.1kHz
1
T0.1kHz
120
T24Hz
1.0
T0.2Vrms
0.5
T0.1Vrms
0.5
T0.1Vrms
Frequency
Voltage
*1 However the Voltage is 0.5W/Y0.1Vrms about Table 1
items on the left side.
Capacitance
C
V10µF (10V min.)*1
C
V10µF (6.3V max.)
C
G10µF
1
T0.1kHz
1
T0.1kHz
120
T24Hz
1.0
T0.2Vrms
0.5
T0.1Vrms
0.5
T0.1Vrms
Frequency
Voltage
*1 However the Voltage is 0.5W/Y0.1Vrms about Table 1
items on the left side.
GRM155 B3/R6 1A 124 to 224
GRM185 B3/R6 1A 105
GRM188 B3/R6 1C/1A 225
GRM219 B3/R6 1A 475
GRM21B B3/R6 1C/1A 106
*Table 1
GRM155 B3/R6 1A 124 to 224
GRM185 B3/R6 1A 105
GRM188 B3/R6 1C/1A 225
GRM219 B3/R6 1A 475
GRM21B B3/R6 1C/1A 106
*Table 1
#Initial measurement for high dielectric constant type
Perform a heat treatment at 150
W0/Y10°C for one hour and
then set for 48
T4 hours at room temperature.
Perform the initial measurement.
Step
Temperature (°C)
Applying Voltage (V)
1
3
5
7
4
6
8
2
Reference Tempereture
T2
Reference Tempereture
T2
20
T2
20
T2
–55
T3 (for R6, C7, C8)/
–25
T3 (for B1, B3, F1)
–30
T3 (for F5)
85
T3 (for B1, B3, F1, R6, F5)
125
T3 (for C7)/
105
T3 (for C8)/
–25
T3 (for B1, F1)
85
T3 (for B1, F1)
No bias
50% of the rated
voltage
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification.
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com